Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TSL2671
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2671 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TSL2671 Datasheet HTML 28Page - OSRAM GmbH TSL2671 Datasheet HTML 29Page - OSRAM GmbH TSL2671 Datasheet HTML 30Page - OSRAM GmbH TSL2671 Datasheet HTML 31Page - OSRAM GmbH TSL2671 Datasheet HTML 32Page - OSRAM GmbH TSL2671 Datasheet HTML 33Page - OSRAM GmbH TSL2671 Datasheet HTML 34Page - OSRAM GmbH TSL2671 Datasheet HTML 35Page - OSRAM GmbH TSL2671 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
ams Datasheet
Page 31
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Application Information: Hardware
LED Driver Pin with Proximity Detection
The application hardware circuit with proximity detection
requires an LED connected as shown in Figure 37. Vbat may be
an independent power source. The 1-
μF decoupling capacitors
should be of the low-ESR type and be placed as close as possible
to the load and VDD to reduce noise. To maximize system
performance, the use of PCB power and ground planes are
recommended. If mounted on a flexible circuit, the power and
ground traces back to the PCB should be sufficiently wide
enough to have a low resistance, such as < 1
Ω.
The I²C bus protocol was developed by Philips (now NXP). The
pull-up resistor value (RP) is a function of the I²C bus speed, the
supply voltage, and the capacitive bus loading. Users should
consult the NXP I²C design specification
(http://www.i2c.bus.org/references/) for assistance. With a
lightly loaded bus running at 400 kbps and VDD = 3 V, 1.5-kΩ.
resistors have been found to be viable.
Figure 37:
Application Hardware Circuit for Proximity Sensing with Internal LED Driver
The power supply connection — PCB routing and supply
decoupling — has a significant effect on proximity
performance. Contact ams or see the application notes
available at www.ams.com for power supply guidance.
Application Information:
Hardware
TSL2671
VBUS
VDD(digital)
1
mF
RP
RP
SCL
SDA
RPI
INT
LDR
LED
1
mF
VDD(analog)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com