Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TSL2671
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2671 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TSL2671 Datasheet HTML 16Page - OSRAM GmbH TSL2671 Datasheet HTML 17Page - OSRAM GmbH TSL2671 Datasheet HTML 18Page - OSRAM GmbH TSL2671 Datasheet HTML 19Page - OSRAM GmbH TSL2671 Datasheet HTML 20Page - OSRAM GmbH TSL2671 Datasheet HTML 21Page - OSRAM GmbH TSL2671 Datasheet HTML 22Page - OSRAM GmbH TSL2671 Datasheet HTML 23Page - OSRAM GmbH TSL2671 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
ams Datasheet
Page 19
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Principles of Operation
Power Management
Power consumption can be controlled through the use of the
wait state timing because the wait state consumes only 65
μA
of power. Figure 37 shows an example of using the power
management feature to achieve an average power
consumption of 138
μA current with four 100-mA pulses of
proximity detection.
Figure 22:
Power Consumption Calculations
Note(s):
1. Prox Accum = 16.3
μs per pulse × 4 pulses = 65 μs = 0.065 ms
2. LED On = 7.2
μs per pulse × 4 pulses = 29 μs = 0.029 ms
4 IR LED Pulses
65
ms (29 ms LED On Time)
2.72 ms
43.52 ms
5.44 ms
Prox ADC
Prox Accum
Wait
Wait
Delay
Average Current = ((0.029
y 100) + (2.72 y 0.175) + (43.52 y 0.065) + (5.44 y 0.175)) / 52 = 138 mA
State
Duration (ms)
Current (mA)
Prox Accum
0.065 (Note 1)
LED On
0.029 (Note 2)
100.0
Prox ADC
2.72
0.175
Wait
43.52
0.065
Wait Delay
5.44
0.175
Example: ~49 ms Cycle TIme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com