Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TSL2671
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2671 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TSL2671 Datasheet HTML 34Page - OSRAM GmbH TSL2671 Datasheet HTML 35Page - OSRAM GmbH TSL2671 Datasheet HTML 36Page - OSRAM GmbH TSL2671 Datasheet HTML 37Page - OSRAM GmbH TSL2671 Datasheet HTML 38Page - OSRAM GmbH TSL2671 Datasheet HTML 39Page - OSRAM GmbH TSL2671 Datasheet HTML 40Page - OSRAM GmbH TSL2671 Datasheet HTML 41Page - OSRAM GmbH TSL2671 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
ams Datasheet
Page 37
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Manufacturing Information
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is dry-baked prior to
being packed for shipping.
Devices are packed in a sealed aluminized envelope called a
moisture barrier bag with silica gel to protect them from
ambient moisture during shipping, handling, and storage
before use.
The Moisture Barrier Bags should be stored under the following
conditions:
• Temperature Range: < 40°C
• Relative Humidity: < 90%
• Total Time: No longer than 12 months from the date code on
the aluminized envelope if unopened.
Rebaking of the reel will be required if the devices have been
stored unopened for more than 12 months and the Humidity
Indicator Card shows the parts to be out of the allowable
moisture region.
Opened reels should be used within 168 hours if exposed to the
following conditions:
• Temperature Range: < 30°C
• Relative Humidity: < 60%
If rebaking is required, it should be done at 50°C for 12 hours.
The FN package has been assigned a moisture sensitivity level
of MSL 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com