Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5734R Datasheet(PDF) 5 Page - Analog Devices

Part # AD5734R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 5 Page - Analog Devices

  AD5734R Datasheet HTML 1Page - Analog Devices AD5734R Datasheet HTML 2Page - Analog Devices AD5734R Datasheet HTML 3Page - Analog Devices AD5734R Datasheet HTML 4Page - Analog Devices AD5734R Datasheet HTML 5Page - Analog Devices AD5734R Datasheet HTML 6Page - Analog Devices AD5734R Datasheet HTML 7Page - Analog Devices AD5734R Datasheet HTML 8Page - Analog Devices AD5734R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5726
Rev. 0 | Page 5 of 20
AC PERFORMANCE CHARACTERISTICS
AVDD = +5 V ± 5%/+15 V ± 5%, AVSS = −5 V ± 5%/0 V/−15 V ± 5%, GND = 0 V, VREFP = +2.5 V/+10 V, VREFN = −2.5 V/0 V/−10 V,
RLOAD = 2 kΩ. All specifications TMIN to TMAX, unless otherwise noted.1
Table 4.
Parameter
A Grade
B Grade
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time (tS)
13
13
μs typ
To 0.01%, ±10 V voltage swing
9
9
μs typ
To 0.01%, ±2.5 V voltage swing, AVDD = 5 V
Slew Rate
2.3
2.3
V/μs typ
10% to 90%, ±10 V voltage swing
2
2
V/μs typ
10% to 90%, ±2.5 V voltage swing
Analog Crosstalk
100
100
dB
Digital Feedthrough
0.25
0.25
nV-sec
Large Signal Bandwidth
90
90
kHz
3 dB, VREFP = 5 V +10 Vp-p, VREFN = −10 V.
Glitch Impulse
30
30
nV-sec
Code transition = 0x7FF to 0x800 and vice versa
1 Guaranteed by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com