Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5734R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5734R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5734R Datasheet HTML 7Page - Analog Devices AD5734R Datasheet HTML 8Page - Analog Devices AD5734R Datasheet HTML 9Page - Analog Devices AD5734R Datasheet HTML 10Page - Analog Devices AD5734R Datasheet HTML 11Page - Analog Devices AD5734R Datasheet HTML 12Page - Analog Devices AD5734R Datasheet HTML 13Page - Analog Devices AD5734R Datasheet HTML 14Page - Analog Devices AD5734R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5726
Rev. 0 | Page 11 of 20
2
–16
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
0
–2
–4
–6
–8
–10
–12
–14
AVDD = +15V
AVSS = –15V
VREFP = 0V ± 100mV
VREFN = –10V
FULL-SCALE CODE LOADED
TA = 25°C
Figure 18. Small Signal Response, VSUPPLY = ±15 V, VREFN = −10 V
8
–8
–35
85
TEMPERATURE (°C)
6
4
2
0
–2
–4
–6
–15
5
25
45
65
IDD
ISS
AVDD = +15V
AVSS = –15V
Figure 19. Power Supply Currents vs. Temperature,
VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
25
–10
01
VOUT (V)
0
20
15
10
5
0
–5
1
234
56
78
9
AVDD = 15V
AVSS = 0V
VREFP = 10V
VREFN = 0V
TA = 25°C
DATA = 0x800
Figure 20. Output Current vs. Output Voltage, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
12
0
0.01
100
LOAD RESISTANCE (kΩ)
0.1
1
10
10
8
6
4
2
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
TA = 25°C
Figure 21. Output Swing vs. Load Resistance, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com