Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5734R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5734R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5734R Datasheet HTML 9Page - Analog Devices AD5734R Datasheet HTML 10Page - Analog Devices AD5734R Datasheet HTML 11Page - Analog Devices AD5734R Datasheet HTML 12Page - Analog Devices AD5734R Datasheet HTML 13Page - Analog Devices AD5734R Datasheet HTML 14Page - Analog Devices AD5734R Datasheet HTML 15Page - Analog Devices AD5734R Datasheet HTML 16Page - Analog Devices AD5734R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5726
Rev. 0 | Page 13 of 20
THEORY OF OPERATION
The AD5726 is a quad, 12-bit, serial input, unipolar/bipolar
voltage output DAC. It operates from single-supply voltages of
+5 V to +15 V or dual supply voltages of ±5 V to ±15 V. The
four outputs are buffered and capable of driving a 2 kΩ load.
Data is written to the AD5726 in a 16-bit word format via a
3-wire serial interface.
DAC ARCHITECTURE
Each of the four DACs is a voltage switched, high impedance
(50 kΩ), R-2R ladder configuration. Each 2R resistor is driven by a
pair of switches that connect the resistor to either VREFP or VREFN.
OUTPUT AMPLIFIERS
The AD5726 features buffered analog voltage outputs capable of
sourcing and sinking up to 5 mA when operating from ±15 V
supplies, eliminating the need for external buffer amplifiers in
most applications while maintaining specified accuracy over the
rated operating conditions. The output amplifiers are short-
circuit protected. The designer should verify that the output
load meets the capabilities of the device, in terms of both output
current and load capacitance. The AD5726 is stable with
capacitive loads up to 2 nF typically. However, any capacitance
load increases the settling time and should be minimized if
speed is a concern.
The output stage includes a P-channel MOSFET to pull the
output voltage down to the negative supply. This is very
important in single-supply systems where VREFN usually has the
same potential as the negative supply. With no load, the zero-
scale output voltage in these applications are less than 500 μV
typically, or less than 1 LSB when VREFP = 2.5 V. However, when
sinking current, this voltage does increase because of the finite
impedance of the output stage. The effective value of the pull-
down resistor in the output stage is typically 320 Ω. With a
100 kΩ resistor connected to 5 V, the resulting zero-scale output
voltage is 16 mV. Thus, the best single-supply operation is
obtained with the output load connected to ground, so the
output stage does not have to sink current.
Like all amplifiers, the AD5726 output buffers do generate
voltage noise, 5 nV/rtHz typically. This is easily reduced by
adding a simple RC low-pass filter on each output.
REFERENCE INPUTS
The two reference inputs of the AD5726 allow a great deal of
flexibility in circuit design. The user must take care, however, to
observe the minimum voltage input levels on VREFP and VREFN to
maintain the accuracy shown in the data sheet. These input
voltages can be set anywhere across a wide range within the
supplies, but must be a minimum of 2.5 V apart in any case (see
Figure 22). A wide output voltage range can be obtained with
±5 V references that can be provided by the AD588 as shown in
Figure 24. Many applications utilize the DACs to synthesize
symmetric bipolar waveforms, which require an accurate, low
drift bipolar reference. The AD588 provides both voltages and
needs no external components. Additionally, the part is
trimmed in production for 12-bit accuracy over the full
temperature range without user calibration.
1 LSB
0x000
2.5V MIN
AVDD
VVREFP
VVREFN
AVSS
–10V MIN
2.5V MIN
0xFFF
0V MIN
Figure 22. Output Voltage Range Programming
When driving the reference input, it is important to note that
VREFP both sinks and sources current, and that the input currents
of both are code dependent. Many voltage reference products
have limited current sinking capabilities and must be buffered
with an amplifier to drive VREFP to maintain overall system
accuracy. The input VREFN, however, has no such requirement.
For a single 5 V supply, VREFP is limited to 2.5 V at the most, and
must always be at least 2.5 V less than the positive supply to
ensure linearity of the device. For these applications, the AD780
is an excellent low drift 2.5 V reference. It works well with the
AD5726 in a single 5 V system, as shown in Figure 26.
It is recommended that the reference inputs be bypassed with
0.2 μF capacitors when operating with ±10 V references. This
limits the reference bandwidth.
VREFP Input Requirements
The AD5726 uses a DAC switch driver circuit that compensates
for different supply, reference voltage, and digital code inputs.
This ensures that all DAC ladder switches are always biased
equally, ensuring excellent linearity under all conditions. Thus,
as indicated in the specifications, the VREFP input of the AD5726
requires both sourcing and sinking current capability from the
reference voltage source. Many positive voltage references are
intended as current sources only and offer little sinking capability.
The user should consider references such as the AD584, AD586,
AD587, AD588, AD780, and REF43 for such an application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com