Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5734R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5734R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5734R Datasheet(HTML) 3 Page - Analog Devices

  AD5734R Datasheet HTML 1Page - Analog Devices AD5734R Datasheet HTML 2Page - Analog Devices AD5734R Datasheet HTML 3Page - Analog Devices AD5734R Datasheet HTML 4Page - Analog Devices AD5734R Datasheet HTML 5Page - Analog Devices AD5734R Datasheet HTML 6Page - Analog Devices AD5734R Datasheet HTML 7Page - Analog Devices AD5734R Datasheet HTML 8Page - Analog Devices AD5734R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5726
Rev. 0 | Page 3 of 20
SPECIFICATIONS
AVDD = +5 V ± 5%, AVSS = 0 V/−5 V ± 5%, VREFP = +2.5 V, VREFN = 0 V/−2.5 V, RLOAD = 2 kΩ.
All specifications TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY
Resolution
12
Bits
Relative Accuracy (INL)
±1
LSB max
Y grade, AVSS = −5 V, outputs unloaded
±1
LSB max
Y grade, AVSS = 0 V2
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic
Linearity Matching
±1
LSB typ
Zero-Scale Error
±6
LSB max
AVSS = −5 V
Full-Scale Error
±6
LSB max
AVSS = −5 V
Zero-Scale Error
±12
LSB max
AVSS = 0 V2
Full-Scale Error
±12
LSB max
AVSS = 0 V2
Zero-Scale TC3
±10
ppm FSR/°C typ
AVSS = −5 V
Full-Scale TC3
±10
ppm FSR/°C typ
AVSS = −5 V
REFERENCE INPUT
VREFP
Reference Input Range4
VREFN + 2.5
V min
AVDD − 2.5
V max
Input Current
±0.75
mA max
Typically 0.25 mA
VREFN
Reference Input Range4
AVSS
V min
0 V
V min
AVSS = 0 V
VREFP − 2.5
V max
Input Current
−1.0
mA max
Typically −0.6 mA, AVSS = −5 V
Large Signal Bandwidth3
160
kHz typ
−3 dB, VREFP = 0 V to 10 V p-p
OUTPUT CHARACTERISTICS3
Output Current
±1.25
mA max
AVSS = −5 V
DIGITAL INPUTS
VIH, Input High Voltage
2.4
V min
VIL, Input Low Voltage
0.8
V max
Input Current3
10
μA max
Input Capacitance3
5
pF typ
POWER SUPPLY CHARACTERISTICS
Power Supply Sensitivity3
0.002
%/% max
Typically 0.0004
AIDD
1.5
mA/channel max
Outputs unloaded, typically 0.75 mA, VIL = DGND, VIH = 5 V
AISS
1.5
mA/channel max
Outputs unloaded, typically 0.75 mA, VIL = DGND, VIH = 5 V
Power Dissipation
30
mW max
Outputs unloaded, typically 15 mW, AVSS = 0 V
1 All supplies can be varied ±5% and operation is guaranteed. Device is tested with AVDD = 4.75 V.
2 For single-supply operation (VREFN = 0 V, AVSS = 0 V), due to internal offset errors, INL and DNL are measured beginning at code 0x005.
3 Guaranteed by design and characterization, not production tested.
4 Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com