Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  4/2 way Solenoid Valve for pneumatics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Type 5420
4 | 11
Visit product website 
2.
Circuit functions
Circuit functions
Description
14
12
2(B)
4(A)
1(P)
3(R)
Type: G, solenoid valve
4/2 way
Servo-controlled
Normally open
3.
Materials
3.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com