Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  4/2 way Solenoid Valve for pneumatics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Type 5420
8 | 11
Visit product website 
6.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
6.3. Ordering chart standard version
Note:
• Please note that the cable plug must be ordered separately, see “Cable plug Type 2518, form A acc. to DIN EN 175301 - 803”
on page 9 or separate data sheet for Type 2518 .
• Corrosion-resistant body in polyamide, with coil AC10 (32 mm) , 2 W, seal material NBR
• A pressure difference of 2.5 bar is necessary for switch-over.
• The pressure range of the following table is 2.5…10 bar.
Circuit function
Port connection Port connection
Orifice Q
Nn value air
Article no.
per voltage/frequency
024/DC
024/50 - 60 230/50 - 60
[1 and 3]
[2 and 4]
[mm]
[l/min]
[V/Hz]
[V/Hz]
[V/Hz]
Type: G, solenoid valve
4/2 way
Servo-controlled
Normally open
14
12
2(B)
4(A)
1(P)
3(R)
G ⅛
G ⅛
3.0
200
134622 
134623 
134625 
Hose fitting 6/4
Hose fitting 6/4
3.0
200
134630 
134631 
134633 
Flange for
manifold
G ⅛
3.0
200
134634 
134635 
134637 
Flange for
manifold
Flange for manifold 6/4 3.0
200
134638 
134639 
134641 
6.4. Ordering chart ATEX/IECEx version
Note:
• Please note that the cable plug must be ordered separately, see “Cable plug Type 2518, form A acc. to DIN EN 175301 - 803”
on page 9 or separate data sheet for Type 2518 .
• Versions acc. to Ex m II T5, Polyamide body with manual override; with moulded cable (3 m long)
• The maximum fluid temperature may never exceed the permissible temperature class (T4 135 °C, T5 100 °C, T6 85 °C) minus 5K.
• Junction box is available on request.
• The pressure range of the following table is 2.5…10 bar.
Circuit function
Port connec-
tion
Port connec-
tion
Orifice Q
Nn value
air
Electrical
connection
Application
Article no.
per voltage/frequency
024/UC
110/UC
230/UC - 60
[1 and 3]
[2 and 4]
[mm]
[l/min]
[V/Hz]
[V/Hz]
[V/Hz]
Type: G, solenoid valve
4/2 way
Servo-controlled
Normally open
14
12
2(B)
4(A)
1(P)
3(R)
G ⅛
G ⅛
3.0
200
Single unit
350417 
On request On request
Hose fitting 6/4 Hose fitting
6/4
3.0
200
Single unit
350410 
On request
350411 
Flange for
manifold
G ⅛
3.0
200
Block
assembly
350414 
350415 
350416 
Flange for
manifold
Flange for
manifold 6/4
3.0
200
Block
assembly
350412 
On request
350413 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com