Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  4/2 way Solenoid Valve for pneumatics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Type 5420
5 | 11
Visit product website 
4.
Dimensions
4.1. Dimension for standard version
Note:
• Dimensions in mm
• Tube connection for semi-soft plastic tubes (outer-Ø 6 mm, inner-Ø 4 mm)
• For battery mounting, the union nuts on the Ports 1 and 3 are replaced by O-rings (10 × 2).
45
32
60
32
15
G1/8
M4
25
15
32
58
Threaded connection G 1/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com