Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  4/2 way Solenoid Valve for pneumatics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Type 5420
7 | 11
Visit product website 
5.
Product accessories
5.1. Cable glands for ATEX/IECEx terminal box
Note:
• A cable gland in polyamide version is included in the delivery. A nickel-plated brass version can be ordered at a surcharge, see
“Cable glands for ATEX/IECEx terminal box” on page 10.
• This special tool is not supplied with the valve (see “Cable glands for ATEX/IECEx terminal box” on page 10)
Description
Ex approvals
Dimensions
Certification
Identification
Ex cable gland,
Brass, nickelplated, 6…13 mm
PTB 04 ATEX 1112 X,
IECEx PTB 13.0027X
II 2 G Ex e IIC Gb,
II 2 D Ex tb IIIC Db IP68
TL
29…37 mm
L
6 mm
D
20 mm
SW 24 mm
E
27 mm
Ex cable gland,
Polyamide, 7…13 mm
PTB 13 ATEX 1015 X,
IECEx PTB 13.0034X
II 2 G Ex e IIC Gb,
II 2 D Ex tb IIIC Db IP68
TL
36…45 mm
L
10 mm
D
20 mm
SW 24 mm
E
28 mm
5.2. Special tool to turn the junction box
Note:
• This special tool is not supplied with the valve (see “Cable glands for ATEX/IECEx terminal box” on page 10)
• This special tool can only be used with ATEX AC10 coils.
Set SC02-AC10
Set includes:
• Special wrench
• Service manual
6.
Ordering information
6.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com