Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS5K Datasheet(PDF) 57 Page - OSRAM GmbH

Part # 4LS5K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS5K Datasheet(HTML) 57 Page - OSRAM GmbH

Back Button 4LS5K Datasheet HTML 53Page - OSRAM GmbH 4LS5K Datasheet HTML 54Page - OSRAM GmbH 4LS5K Datasheet HTML 55Page - OSRAM GmbH 4LS5K Datasheet HTML 56Page - OSRAM GmbH 4LS5K Datasheet HTML 57Page - OSRAM GmbH 4LS5K Datasheet HTML 58Page - OSRAM GmbH 4LS5K Datasheet HTML 59Page - OSRAM GmbH 4LS5K Datasheet HTML 60Page - OSRAM GmbH 4LS5K Datasheet HTML 61Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 115 page
background image
Document Feedback
4LS
Digital Interface
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 56
To use the interface, first the N_CS signal should go low, then the word should be sent synchronous
with the SCLK. The data is captured at the MOSI input with the rising edge of SCLK and is sent out on
the MISO output on the falling edge of SCLK.
The updating of registers on the sensor can be made using three different methods: update request,
immediate update and force update. The update request and immediate update are both set by
register 0x01 using the bits 3:0. When update request is set, the read/write operation from shadow
memory to effective is only performed with falling edge of LVAL signal. In the case of immediate
update the read/write operation from shadow memory to effective is performed immediately,
independently if the sensor is performing integration, A/D conversion or readout.
The Force Update1 method is similar to the immediate update, but is given as an external signal (pulse
with 2 x TMCLK minimum). Force Update updates the register values in the moment that pulse is
applied. Therefore, when using Force Update signal, please make sure that LVAL is low, avoiding
defect lines.
8.2.2
Writing Operation
The writing operation is performed by sending the word containing the data and the address and no
acknowledge signal or indication is given back. It can be performed continuously. When writing to the
registers, the last word to be sent to the register has to be always the update request or immediate
update or force update (STS1Reg
– 0x01), otherwise the write is not performed.
After the last word of data is sent to SPI interface, the SCLK should be maintained during 4 x TSCLK.
Figure 81 exemplifies how to perform the operation over the interface.
Figure 81:
Write Cycle Over SPI Interface
Figure 82 exemplifies a cycle of multiple writing operations.
1 Despite the fact Force Update works properly, Immediate and Update Request are the recommended ones.
D7
D6
D5
D4
D3
D2
D1
D0
A7
A6
A5
A4
A3
A2
A1
A0
4 x TSCLK
N_CS
SCLK
SCLK
MOSI
4 x TSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com