Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS5K Datasheet(PDF) 70 Page - OSRAM GmbH

Part # 4LS5K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS5K Datasheet(HTML) 70 Page - OSRAM GmbH

Back Button 4LS5K Datasheet HTML 66Page - OSRAM GmbH 4LS5K Datasheet HTML 67Page - OSRAM GmbH 4LS5K Datasheet HTML 68Page - OSRAM GmbH 4LS5K Datasheet HTML 69Page - OSRAM GmbH 4LS5K Datasheet HTML 70Page - OSRAM GmbH 4LS5K Datasheet HTML 71Page - OSRAM GmbH 4LS5K Datasheet HTML 72Page - OSRAM GmbH 4LS5K Datasheet HTML 73Page - OSRAM GmbH 4LS5K Datasheet HTML 74Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 69
Figure 111
Total Number of LVDS Drivers per 2K5 Segment
Top Side
Bottom Side
Total Number of LVDS
(per 2K5 segment)
LVDS
Driver Data
Clock
LVDS
Driver Data
LVDS
Driver Data
Clock
LVDS
Driver Data
1-To-1
1
8
1
8
18
2-To-1
1
4
1
4
10
4-To-1
1
2
1
2
6
9.1.14
Test Multiplexer Register (Address 0x0D)
This register sets the output of test analogue pad to a certain signal.
Figure 112:
TMXReg
Address: 0x0D
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:5
N/A
00b
Not used.
4:0
Test Multiplexer
output select
000000b
Internal Debug Purposes
Defines the output of the test multiplexer to
a specific test signal.
9.1.15
Test Mode Register (Address 0x0E)
This register sets the CIS to defined states, so that some tests can be performed to debug/check
some blocks and operational conditions.
Figure 113:
TMDReg
Address: 0x0E
Default Value: 0x30
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:6
N/A
00b
Not used.
5
Auto Transfer
1b
Internal Debug Purposes
When set to ‘1’ increases the time to transfer
data from shadow to effective memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com