Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS5K Datasheet(PDF) 18 Page - OSRAM GmbH

Part # 4LS5K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS5K Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button 4LS5K Datasheet HTML 14Page - OSRAM GmbH 4LS5K Datasheet HTML 15Page - OSRAM GmbH 4LS5K Datasheet HTML 16Page - OSRAM GmbH 4LS5K Datasheet HTML 17Page - OSRAM GmbH 4LS5K Datasheet HTML 18Page - OSRAM GmbH 4LS5K Datasheet HTML 19Page - OSRAM GmbH 4LS5K Datasheet HTML 20Page - OSRAM GmbH 4LS5K Datasheet HTML 21Page - OSRAM GmbH 4LS5K Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 115 page
background image
Document Feedback
4LS
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 17
Figure 19:
Electro-Optical Characteristics of 4LS Monochrome(1)(2)
Parameter
12-bit @ 60 MHz
8-bit @ 80 MHz
Unit
Variant
Full Well Capacity
22.21
10.58
ke-
QE @ 530 nm
60.81
54.09
%
Conversion Gain
0.1612
0.0218
DN/e-
Responsivity
0.098
82.46
0.01179
9.86
DN/ph
DN/nJ/cm2
Temporal Dark Noise
8.18
50.75
1.01
46.20
DN
e-
FSD
3580
231
DN
Dynamic Range
52.82
47.20
dB
SNRMax
43.19
39.35
dB
DSNU
15.30
9.16
3.68
2.07
1.25
0.71
DN
15K
10K
5K
PRNU
1.02
0.87
0.92
1.2
0.97
0.93
%
15K
10K
5K
(1)
The results were obtained using 530 nm illumination. The ADC ramp gain was adjusted to the equivalent of 1 V swing,
for 12-bit ADC mode, and 0.5 V swing for 8-bit ADC mode (therefore, approximately half of FWC for 8-bit). The sensors
temperature was approximately 60ºC (uncontrolled temperature environment). The values presented are for the default
configuration of Full Well around 20 ke- (STS3 Register bits [3:0] = 0x0). Sensor supply levels were the typical ones:
VDDA = 3.3 V and VDDD = 1.8 V. The set Readout mode was 1-To-1. DSNU and PRNU results were characterized for
each variant. The remaining parameters are valid for all variants, once they all share the same silicon.
(2)
The settings used to get these values are those recommended by the European Machine Vision Association standard
1288 from the Machine Vision Sensors and Cameras. https://www.emva.org/standards-technology/emva-1288/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com