Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS5K Datasheet(PDF) 46 Page - OSRAM GmbH

Part # 4LS5K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS5K Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button 4LS5K Datasheet HTML 42Page - OSRAM GmbH 4LS5K Datasheet HTML 43Page - OSRAM GmbH 4LS5K Datasheet HTML 44Page - OSRAM GmbH 4LS5K Datasheet HTML 45Page - OSRAM GmbH 4LS5K Datasheet HTML 46Page - OSRAM GmbH 4LS5K Datasheet HTML 47Page - OSRAM GmbH 4LS5K Datasheet HTML 48Page - OSRAM GmbH 4LS5K Datasheet HTML 49Page - OSRAM GmbH 4LS5K Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 45
Parameters
Clocks
FCT
778
MTA => Max Line Rate
1318 => 45.63 kLines/s
DTI
68
Max Integration Time
1250 => 20.833 µs
Minimum LVALLow_Period
30
Figure 65:
12-Bit Timing Clocks for Readout Mode 4-To-1
Parameters
Clocks
Readout Data
2576
Readout Time
2614
FCT
778
MTA => Max Line Rate
2614 => 22.95 kLines/s
DTI
68
Max Integration Time
2546 => 42.434 µs
Minimum LVALLow_Period
38
8-Bit mode @80 MHz
Below described is an example to calculate the maximum line rate for 8-bit @ 80 MHz, with the same
sensor configurations for 12-bit, with the exception of End of Range.
●
Output mode: 12-bit @ 60 MHz
●
Readout mode: 1-To-1 LVDS
●
ADC response stabilization OFF
●
Auto-start AD OFF
●
Auto-start readout OFF
●
End of Range = 0x3F
Once the ADC Time (relative to the FCT) is lower than Readout Time, then the MTA is calculated with
the respective Equation 2. Moreover, it can be used the original SAMPLE value of 1 µs (80 clocks).
Figure 66:
8-Bit Timing Clocks for Readout Mode 1-To-1
Parameters
Clocks
RST_CDS
100
ADC Time
280
Readout Data
644
Readout Time
670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com