Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221T Datasheet(PDF) 13 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 9Page - OSRAM GmbH AS6221T Datasheet HTML 10Page - OSRAM GmbH AS6221T Datasheet HTML 11Page - OSRAM GmbH AS6221T Datasheet HTML 12Page - OSRAM GmbH AS6221T Datasheet HTML 13Page - OSRAM GmbH AS6221T Datasheet HTML 14Page - OSRAM GmbH AS6221T Datasheet HTML 15Page - OSRAM GmbH AS6221T Datasheet HTML 16Page - OSRAM GmbH AS6221T Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
13 / 36
/
Addr: 0x1
Configuration
Bit
Bit name
Default
Access
Bit description
13
Reserved
0
RO
Reserved
14
Reserved
1
RO
Reserved
15
SS
0
RW
Single Shot
The configuration register is a 16-bit register which defines the operation modes of the device.
Any read/write operation processes the MSB byte first.
In Table 10, the configuration register is shown. The bits 0-4 and 13-14 are not to be used and
are set to read only. The explanation of the other bits are detailed in the following sections.
6.2.2
Alert bit
The alert bit can be used to easily compare the current temperature reading to the thresholds
that can be set in the TLOW and THIGH registers.
If the polarity bit is set to 0, the AL bit is read as 1 until the converted temperature value
exceeds the defined value in the high temperature threshold register THIGH for the number of
defined consecutive faults (bits CF). Such an event causes the AL bit to toggle to 0 and the
value is kept until the converted temperature value falls below the defined value in the low
temperature threshold register TLOW for the number of defined consecutive faults. If this
condition is met, the AL bit is reset to 1.
The polarity bit (POL) defines the active state of the alert bit as depicted in the following figure.
The alert bit has the same setting as the alert output as long as the device is configured for the
comparator mode.
Figure 5: State diagram of the alert bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com