Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221T Datasheet(PDF) 3 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 3 Page - OSRAM GmbH

  AS6221T Datasheet HTML 1Page - OSRAM GmbH AS6221T Datasheet HTML 2Page - OSRAM GmbH AS6221T Datasheet HTML 3Page - OSRAM GmbH AS6221T Datasheet HTML 4Page - OSRAM GmbH AS6221T Datasheet HTML 5Page - OSRAM GmbH AS6221T Datasheet HTML 6Page - OSRAM GmbH AS6221T Datasheet HTML 7Page - OSRAM GmbH AS6221T Datasheet HTML 8Page - OSRAM GmbH AS6221T Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AS6221T
General description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
3 / 36
/
AS6221T Digital temperature sensor
1
General description
The AS6221T IC is a high accuracy digital temperature sensor system that communicates via
a 2-wire digital bus with other devices. It consists of a Si bandgap temperature sensor, an ADC
and a digital signal processor.
This sensor is especially designed to be used in applications where a high measurement
accuracy is needed, for example measuring the skin temperature. Beside these applications, it
can also be used to replace PTC resistors.
The high temperature accuracy and an ultra-low power consumption (low operation and
quiescent current) makes the AS6221T ideally suited for mobile/battery powered applications.
The AS6221T is an easy to integrate and use solution, featuring a factory-calibrated sensor,
integrated linearization and the possibility to use 8 different I²C addresses, enabling to use
eight AS6221T devices on one bus.
Additionally, the AS6221T temperature sensor system features an alert functionality, which
triggers e.g. an interrupt to protect devices from excessive temperatures.
The AS6221T production test setup is calibrated according NIST and the verification
equipment is calibrated by an ISO/IEC-17025 accredited laboratory.
1.1
Key benefits & features
The benefits and features of AS6221T are listed below:
Table 1: Added value of using AS6221T
Benefits
Features
High measurement accuracy
± 0.09 °C (20 °C to 42 °C)
Low power consumption
6 µA @ Operation (typical, @ 4 Hz)
0.1 µA @ Standby (typical)
Supply voltage range
1.71
– 1.98 V (0 °C to 60 °C)
Small PCB footprint
1.5 mm x 1 mm (WLCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com