Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221T Datasheet(PDF) 36 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH AS6221T Datasheet HTML 32Page - OSRAM GmbH AS6221T Datasheet HTML 33Page - OSRAM GmbH AS6221T Datasheet HTML 34Page - OSRAM GmbH AS6221T Datasheet HTML 35Page - OSRAM GmbH AS6221T Datasheet HTML 36Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
AS6221T
Legal information
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
36 / 36
/
10
Legal information
Copyright & disclaimer
Copyright ams-OSRAM AG, Tobelbader Strasse 30, 8141 Premstaetten, Austria-Europe. Trademarks Registered. All rights reserved. The material
herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
Devices sold by ams-OSRAM AG are covered by the warranty and patent indemnification provisions appearing in its General Terms of Trade. ams-
OSRAM AG makes no warranty, express, statutory, implied, or by description regarding the information set forth herein. ams-OSRAM AG reserves
the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to
check with ams-OSRAM AG for current information. This product is intended for use in commercial applications. Applications requiring extended
temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining
equipment are specifically not recommended without additional processing by ams-OSRAM AG for each application. This product is provided by
ams-OSRAM
AG “AS IS” and any express or implied warranties, including, but not limited to the implied warranties of merchantability and fitness for
a particular purpose are disclaimed.
ams-OSRAM AG shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss
of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out
of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of ams-
OSRAM AG rendering of technical or other services.
Product and functional safety devices/applications or medical devices/applications:
ams-OSRAM AG components are not developed, constructed or tested for the application as safety relevant component or for the application in
medical devices. ams-OSRAM AG products are not qualified at module and system level for such application.
In case buyer
– or customer supplied by buyer – considers using ams-OSRAM AG components in product safety devices/applications or medical
devices/applications, buyer and/or customer has to inform the local sales partner of ams-OSRAM AG immediately and ams-OSRAM AG and buyer
and /or customer will analyze and coordinate the customer-specific request between ams-OSRAM AG and buyer and/or customer.
ams OSRAM semiconductor RoHS compliance statement
RoHS compliant: The term RoHS compliant means that ams-OSRAM AG semiconductor products fully comply with current RoHS directives. Our
semiconductor products do not contain any chemicals for all 6 substance categories plus additional 4 substance categories (per amendment EU
2015/863), including the requirement that lead not exceed 0.1% by weight in homogeneous materials.
Important information: The information provided in this statement represents ams-OSRAM AG knowledge and belief as of the date that it is
provided. ams-OSRAM AG bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to
the accuracy of such information. Efforts are underway to better integrate information from third parties. ams-OSRAM AG has taken and continues to
take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. ams-OSRAM AG and ams-OSRAM AG suppliers consider certain information to be proprietary, and thus CAS
numbers and other limited information may not be available for release.
Headquarters
ams-OSRAM AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Please visit our website at ams-osram.com
For information about our products go to Products
For technical support use our Technical Support Form
For feedback about this document use Document Feedback
For sales offices and branches go to Sales Offices / Branches
For distributors and sales representatives go to Channel Partners



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com