Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221T Datasheet(PDF) 22 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 18Page - OSRAM GmbH AS6221T Datasheet HTML 19Page - OSRAM GmbH AS6221T Datasheet HTML 20Page - OSRAM GmbH AS6221T Datasheet HTML 21Page - OSRAM GmbH AS6221T Datasheet HTML 22Page - OSRAM GmbH AS6221T Datasheet HTML 23Page - OSRAM GmbH AS6221T Datasheet HTML 24Page - OSRAM GmbH AS6221T Datasheet HTML 25Page - OSRAM GmbH AS6221T Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
22 / 36
/
Example 50 °C:
50°������/0.0078125°������ = 6400 = ������������������������������������ 0001 1001 0000 0000 = ������������������ 1900
Table 20: Temperature conversion examples
Temperature (°C)
Digital output (Binary)
Digital output (Hex)
60.0
0001 1110 0000 0000
1E00
50.0
0001 1001 0000 0000
1900
25.0
0000 1100 1000 0000
0C80
0.125
0000 0000 0001 0000
0010
0.0078125
0000 0000 0000 0001
0001
0.0
0000 0000 0000 0000
0000
6.3
Serial interface
The device employs a standard I²C-serial bus.
6.3.1
Bus description
A data transfer must be invoked by a master device (e.g. microcontroller) which defines the
access to the slave device. The master device defines and generates the serial clock (SCL)
and the start/stop conditions.
In order to address a specific device, a START condition has to be generated by the master
device by pulling the data line (SDA) from a logic high level to a logic low level while the serial
clock signal (SCL) is kept at high level.
After the start condition, the slave address byte is transmitted which is completed with a ninth
bit which indicates a read (bit=’1’) or a write operation (bit=’0’) respectively. All slaves read the
data on the rising edge of the clock. An acknowledge signal is generated by the addressed
slave during the ninth clock pulse. This acknowledge signal is produced by pulling the pin SDA
to a low level by the selected slave.
Subsequently, the byte data transfer is started and finished by an acknowledge bit. A change
in the data signal (SDA) while the clock signal (SCL) is high causes a START or STOP
condition. Hence, it must be ensured such a condition is prevented during a data transfer
phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com