Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDP1MS-ETFQ-R Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LEDP1MS-ETFQ-R
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDP1MS-ETFQ-R Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LEDP1MS-ETFQ-R Datasheet HTML 5Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 6Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 7Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 8Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 9Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 10Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 11Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 12Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LE D P1MS
DATASHEET
DATASHEET
9 | Version 0.1 | 2022-09-26
Forward Voltage 4)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 4000 mA
LE DP1MS
Tj /°C
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
∆VF /V
Relative Radiant Power 4)
Φ
E/ΦE(25 °C) = f(Tj); IF = 4000 mA
LE DP1MS
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φe
Φe (25°C)
Dominant Wavelength 4)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 4000 mA
LE DP1MS
Tj /°C
-8
-6
-4
-2
0
2
4
6
8
10
∆λ dom /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com