Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDP1MS-ETFQ-R Datasheet(PDF) 19 Page - OSRAM GmbH

Part # LEDP1MS-ETFQ-R
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDP1MS-ETFQ-R Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button LEDP1MS-ETFQ-R Datasheet HTML 13Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 14Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 15Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 16Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 17Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 18Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 19Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 20Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
LE D P1MS
DATASHEET
DATASHEET
19 | Version 0.1 | 2022-09-26
Glossary
1)
Brightness: Brightness values are measured during a pulse train of 100 ms with a pulse width of 500
µs and a frequencey of 1 kHz, with an internal reproducibility of +/‐ 8 % and an expanded uncertainty of
+/‐ 11 % (acc. to GUM with a coverage factor of k = 3). The peak brightness is calculated according to
the pulse duration and frequency.
2)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
3)
Wavelength: The wavelength is measured during a pulse train of 100 ms with a pulse width of 500 µs
and a frequencey of 1 kHz , with an internal reproducibility of ± 0,5 nm and an expanded uncertainty of
± 1 nm (acc. to GUM with a coverage factor of k=3).
4)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
5)
Forward Voltage: The forward voltage is measured during a pulse of typical 500 µs, with an internal
reproducibility of +/‐ 0,05 V and an expanded uncertainty of +/‐ 0,1 V (acc. to GUM with a coverage
factor of k=3).
6)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single devices within one packing unit.
7)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
8)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com