Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDP1MS-ETFQ-R Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDP1MS-ETFQ-R
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDP1MS-ETFQ-R Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDP1MS-ETFQ-R Datasheet HTML 1Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 2Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 3Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 4Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 5Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 6Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 7Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 8Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LE D P1MS
DATASHEET
DATASHEET
1 | Version 0.1 | 2022-09-26
www.osram-os.com
LE D P1MS
Datasheet
Preliminary datasheet version
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - LEDP1MS-ETFQ-R

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPRO100B TIMEGUARD-LEDPRO100B Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO100WH TIMEGUARD-LEDPRO100WH Datasheet
1Mb / 3P
100W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO10B TIMEGUARD-LEDPRO10B Datasheet
842Kb / 3P
10W LED Professional Rewireable Floodlight - Black
14/02/2025
LEDPRO10WH TIMEGUARD-LEDPRO10WH Datasheet
837Kb / 3P
10W LED Professional Rewireable Floodlight - White
14/02/2025
LEDPRO20B TIMEGUARD-LEDPRO20B Datasheet
842Kb / 3P
20W LED Professional Rewireable Floodlight - Black
14/02/2025
More results

Similar Description - LEDP1MS-ETFQ-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCG_H9RM OSRAM-LCG_H9RM Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCGH9RN OSRAM-LCGH9RN Datasheet
1Mb / 23P
OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LECGP3A01 OSRAM-LECGP3A01 Datasheet
929Kb / 22P
OSRAM OSTAR Projection Power
LEAP3W01 OSRAM-LEAP3W01 Datasheet
808Kb / 20P
OSRAM OSTAR Projection Power
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
logo
ams AG
LEAP2W AMSCO-LEAP2W Datasheet
2Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.12 2020-11-05
LEBP1MR AMSCO-LEBP1MR Datasheet
3Mb / 21P
OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com