Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDP1MS-ETFQ-R Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEDP1MS-ETFQ-R
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDP1MS-ETFQ-R Datasheet(HTML) 5 Page - OSRAM GmbH

  LEDP1MS-ETFQ-R Datasheet HTML 1Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 2Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 3Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 4Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 5Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 6Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 7Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 8Page - OSRAM GmbH LEDP1MS-ETFQ-R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LE D P1MS
DATASHEET
DATASHEET
5 | Version 0.1 | 2022-09-26
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 4000 mA
I
F = 4000 mA
min.
max.
Φ
e
Φ
e
ET
9700 mW
10420 mW
EU
10420 mW
11200 mW
FP
11200 mW
12100 mW
FQ
12100 mW
13000 mW
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
R
435 nm
445 nm
Group Name on Label
Example: ET-R
Brightness
Wavelength
ET
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com