Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33996 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33996 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33996
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 16. Device on Thermal Test Board RθJA
Figure 17. Transient Thermal Resistance RθJA,
1 W Step response, Device on Thermal Test Board Area A = 600 (mm2)
0
10
20
30
40
50
60
70
80
Heat Spreading Area A [mm²]
0
300
600
RθJA [°C/W]
x
0.1
1
10
100
1.00E-03
1.00E-02
1.00E-01
1.00E+00 1.00E+01
1.00E+02 1.00E+03
1.00E+04
Time[s]
RθJA [°C/W]
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com