Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33996 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33996 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33996
IINTERNAL BLOCK DIAGRAM
IINTERNAL BLOCK DIAGRAM
Figure 2. 33996 Simplified Internal Block Diagram
ILimit
OUT0
RS
Short and
Open
Load
Detect
Overtemperature
Detect
SI
SCLK
VDD
Gate
Control
50 V
GND (8)
Voltage
Regulator
Input
Buffers
OVD
RB
SFPDB
SCLK
CS
SI
SO
CSI
CSBI
To Gates
1to15
From Detectors 1to15
VPWR
SPI
Interface
Logic
OT
SF
OF
10
µA
25
µA
Bias
10
µA
10
µA
SFL
VDD
SOPWR
10
µA
Open
Load
Detect
Enable
Overvoltage
Detect
GE
VDD
Serial D/O
Line Driver
PWM
RST
CS
SO
VRef
50
µA
OUT1-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com