Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33996 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33996 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Document Number: MC33996
Rev. 6.0, 6/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
16-Output Switch with SPI
Control
The 33996 is a 16-output low-side switch with a 24-bit serial input
control. It is designed for a variety of applications including inductive,
incandescent, and LED loads. The Serial Peripheral Interface (SPI)
provides both input control and diagnostic readout. A Pulse Width
Modulation (PWM) control input is provided for pulse width
modulation of multiple outputs at the same duty cycle. A dedicated
reset input provides the ability to clear all internal registers and turn
all outputs off.
The 33996 directly interfaces with micro controllers and is
compatible with both 3.3 V and 5.0 V CMOS logic levels. The 33996,
in effect, serves as a bus expander and buffer with fault management
features that reduce the MCU’s fault management burden.
Features
• Designed to Operate 5.0 V < VPWR < 27 V
• 24-Bit SPI for Control and Fault Reporting, 3.3 V/5.0 V Compatible
• Outputs Are Current Limited (0.9 A to 2.5 A) to Drive Incandescent
Lamps
• Output Voltage Clamp of +50 V During Inductive Switching
• On/Off Control of Open Load Detect Current (LED Application)
•VPWR Standby Current < 10 µA
•RDS(ON) of 0.55 Ω at 25°C Typical
• Independent Overtemperature Protection
• Output Selectable for PWM Control
• Output ON Short-to-VBAT and OFF Short-to-Ground/Open
Detection
• Pb-Free Packaging Designated by Suffix Code EK
Figure 1. 33996 Simplified Application Diagram
LOW SIDE SWITCH
33996
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33996EK/R2
-40°C to 125°C
32 SOICW-EP
MCZ33996EK/R2
EK SUFFIX (PB-FREE)
98ARL10543D
32-PIN SOICW EXPOSED PAD
VPWR
MCU
33996
LED
Lamp
Solenoid/Relay
Vdd
3.3 V/5.0 V
VDD
VPWR
GND
OUT15
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
VBAT
SOPWR
SO
MOSI
PWM
PWM
SI
MISO
CS
CS
SCLK
SCLK
RST
RST
/8


Similar Part No. - 33996

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
339960 GENERAL-339960 Datasheet
22Kb / 1P
INSTRUMENTATION CABLE
More results

Similar Description - 33996

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
16-Output Switch with SPI and PWM Control
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
16-Output Switch with SPI Control
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
Six-Output Low-Side Switch with SPI and Parallel Input Control
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
16 Output Switch with SPI Control
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
16-Output Switch with SPI and PWM Control
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com