Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33996 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33996
LOGIC COMMANDS AND REGISTERS
INTRODUCTION
LOGIC COMMANDS AND REGISTERS
INTRODUCTION
The 33996 provides flexible control of 16 low-side driver
outputs. The device allows PWM and ON/OFF control
through the use of several 24-bit input command words. This
section describes the logic operation and command registers
of the 33996.
The 33996 message set consists of seven messages as
shown in Table 6. Bits 23 through18 determine the specific
command and bits 15 through 0 determine how a specific
output will operate. The 33996 operates on the command
word on the rising edge of CS.
Note Upon Power-ON Reset all bits are defined as shown
in Table 6.
ON/OFF CONTROL REGISTER
To program the 16 outputs of the 33996 ON or OFF, a
24-bit serial stream of data is entered into the SI pin. The first
8 bits of the control word are used to identify the on/off
command and the remaining 16 bits are used to turn ON or
OFF the specific output driver.
OPEN LOAD CURRENT ENABLE CONTROL
REGISTER
The Open Load Current Enable Control register is
provided to enable or disable the 50
µA open load detect pull-
down current. This feature allows the device to be used in
LED applications. Power-ON Reset (POR) or the RST pin or
the RESET command disables the 50
µA pull-down current.
No open load fault will be reported with the pull-down current
disabled. For open load to be active, the user must program
the Open Load Current Enable Control register with logic [1].
GLOBAL SHUTDOWN/RETRY CONTROL
REGISTER
The Global Shutdown/Retry Control register allows the
user to select the global fault strategy for the outputs. The
over-voltage control bit (bit 16) sets the operation of the
outputs when returning from over-voltage. Setting the over-
voltage bit to logic [0] will force all outputs to remain off when
VPWR returns to normal level. Setting the over-voltage bit to
logic [1] will command outputs to resume their previous state
when VPWR returns to normal level. Bit 17 is the global
thermal bit. When bit 17 is set to logic [0], all outputs will shut
down when thermal limit is reached and remain off even after
cooled. With bit 17 set to logic [1], all outputs will shut down
when thermal limit is reached and will retry when cooled.
SHORT FAULT PROTECT DISABLE (SFPD)
CONTROL REGISTER
All outputs contain current limit and thermal shutdown with
programmable retry. The SFPD control bits are used for fast
shutdown of the output when overcurrent condition is
detected but thermal shutdown has not been achieved.
The SFPD Control register allows the user to select
specific outputs for incandescent lamp loads and specific
outputs for inductive loads. By programming the specific
SFPD bit as logic [1], output will rely on over temperature
shutdown only. Programming the specific SFPD bit as
logic [0] will shut down the output after 100
µs to 450 µs
during turn on into short circuit. The decision for shutdown is
Table 6. SPI Control Commands
MSB
Bits
LSB
Commands
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ON/OFF Control
0=off, 1=on
0
0
0
0
0
0
X
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Open Load Current Enable
0=disable, 1=enable
0
0
0
0
0
1
X
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Global Shutdown/Retry
Control
0=shutdown, 1=retry
0
0
0
0
1
0
Thermal
Bit 0
Over-
voltage
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
SFPD Control
1=therm only, 0=VDS
0
0
0
0
1
1
X
X
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
PWM Enable
0=SPI only, 1=PWM
0
0
0
1
0
0
X
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
AND/OR Control
0=PWM pin AND with SPI
1=PWM pin OR with SPI
0
0
0
1
0
1
X
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reset
0
0
0
1
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
SO Response
0=No Fault, 1=Fault
Any
Fault
over-
volt-
age
0
0
0
0
0
0
OUT
15
OUT
14
OUT
13
OUT
12
OUT
11
OUT
10
OUT
9
OUT
8
OUT
7
OUT
6
OUT
5
OUT
4
OUT
3
OUT
2
OUT
1
OUT
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com