Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323E Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
Freescale Semiconductor
49
Package and Pin Listings
21.3
Pinout Listings
Table 55 shows the pin list of the MPC8323E.
Table 55. MPC8323E PBGA Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
DDR Memory Controller Interface
MEMC_MDQ0
AE9
IO
GVDD
MEMC_MDQ1
AD10
IO
GVDD
MEMC_MDQ2
AF10
IO
GVDD
MEMC_MDQ3
AF9
IO
GVDD
MEMC_MDQ4
AF7
IO
GVDD
MEMC_MDQ5
AE10
IO
GVDD
MEMC_MDQ6
AD9
IO
GVDD
MEMC_MDQ7
AF8
IO
GVDD
MEMC_MDQ8
AE6
IO
GVDD
MEMC_MDQ9
AD7
IO
GVDD
MEMC_MDQ10
AF6
IO
GVDD
MEMC_MDQ11
AC7
IO
GVDD
MEMC_MDQ12
AD8
IO
GVDD
MEMC_MDQ13
AE7
IO
GVDD
MEMC_MDQ14
AD6
IO
GVDD
MEMC_MDQ15
AF5
IO
GVDD
MEMC_MDQ16
AD18
IO
GVDD
MEMC_MDQ17
AE19
IO
GVDD
MEMC_MDQ18
AF17
IO
GVDD
MEMC_MDQ19
AF19
IO
GVDD
MEMC_MDQ20
AF18
IO
GVDD
MEMC_MDQ21
AE18
IO
GVDD
MEMC_MDQ22
AF20
IO
GVDD
MEMC_MDQ23
AD19
IO
GVDD
MEMC_MDQ24
AD21
IO
GVDD
MEMC_MDQ25
AF22
IO
GVDD
MEMC_MDQ26
AC21
IO
GVDD
MEMC_MDQ27
AF21
IO
GVDD
MEMC_MDQ28
AE21
IO
GVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com