Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323E Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
64
Freescale Semiconductor
Clocking
See the “QUICC Engine PLL Multiplication Factor” section and the “QUICC Engine PLL Division
Factor” section in the MPC8323E PowerQUICC™ II Pro Communications Processor Reference Manual
for more information.
The DDR SDRAM memory controller will operate with a frequency equal to twice the frequency of
csb_clk. Note that ddr_clk is not the external memory bus frequency; ddr_clk passes through the DDR
clock divider (
÷2) to create the differential DDR memory bus clock outputs (MCK and MCK). However,
the data rate is the same frequency as ddr_clk.
The local bus memory controller will operate with a frequency equal to the frequency of csb_clk. Note that
lbc_clk is not the external local bus frequency; lbc_clk passes through the LBC clock divider to create the
external local bus clock outputs (LSYNC_OUT and LCLK[0:2]). The LBC clock divider ratio is
controlled by LCCR[CLKDIV]. See the “LBC Bus Clock and Clock Ratios” section in the MPC8323E
PowerQUICC™ II Pro Communications Processor Reference Manual for more information.
In addition, some of the internal units may be required to be shut off or operate at lower frequency than
the csb_clk frequency. These units have a default clock ratio that can be configured by a memory mapped
register after the device comes out of reset. Table 56 specifies which units have a configurable clock
frequency. Refer to the “System Clock Control Register (SCCR)” section in the MPC8323E
PowerQUICC™ II Pro Communications Processor Reference Manual for a detailed description.
NOTE
Setting the clock ratio of these units must be performed prior to any access
to them.
Table 57 provides the operating frequencies for the 8323E PBGA under recommended operating
conditions (see Table 2).
Table 56. Configurable Clock Units
Unit
Default
Frequency
Options
Security core, I2C, SAP, TPR
csb_clk
Off,
csb_clk/2, csb_clk/3
PCI and DMA complex
csb_clk
Off,
csb_clk
Table 57. Operating Frequencies for PBGA
Characteristic1
1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting csb_clk, MCLK,
LCLK[0:2], and
core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
Max Operating Frequency
Unit
e300 core frequency (
core_clk)333
MHz
Coherent system bus frequency (
csb_clk)133
MHz
QUICC Engine frequency (
ce_clk)200
MHz
DDR1/DDR2 memory bus frequency (MCLK)2
2 The DDR1/DDR2 data rate is 2x the DDR1/DDR2 memory bus frequency.
133
MHz
Local bus frequency (LCLK
n)3
3 The local bus frequency is 1/2, 1/4, or 1/8 of the lb_clk frequency (depending on LCCR[CLKDIV]) which is in turn 1x or 2x the
csb_clk frequency (depending on RCWL[LBCM]).
66
MHz
PCI input frequency (CLKIN or PCI_CLK)
66
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com