Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
60
Freescale Semiconductor
Package and Pin Listings
GPIO_PD10/GTM1_TIN2/GTM2_TIN1/CLK17
J24
IO
OVDD
GPIO_PD11/GTM1_TGATE2/GTM2_TGATE1
B25
IO
OVDD
GPIO_PD12/GTM1_TOUT2/GTM2_TOUT1/
CE_PIO28
C4
IO
OVDD
GPIO_PD13/GTM1_TIN3/GTM2_TIN4/BRGO8
D4
IO
OVDD
GPIO_PD14/GTM1_TGATE3/GTM2_TGATE4/
CE_PIO30
D5
IO
OVDD
GPIO_PD15/GTM1_TOUT3/CE_PIO31
A5
IO
OVDD
GPIO_PD16/GTM1_TIN4/GTM2_TIN3/CE_PIO29
B5
IO
OVDD
GPIO_PD17/GTM1_TGATE4/GTM2_TGATE3/
CE_PIO27
C5
IO
OVDD
GPIO_PD18/GTM1_TOUT4/GTM2_TOUT3/
CE_PIO24
A6
IO
OVDD
GPIO_PD19/CE_RISC1_INT/CE_EXT_REQ4/
CE_PIO26
B6
IO
OVDD
GPIO_PD20/CLK18/BRGO6
D21
IO
OVDD
GPIO_PD21/CLK16/BRGO5/UPC1_CLKO
C19
IO
OVDD
GPIO_PD22/CLK4/BRGO9/UCC2_CLKO
A7
IO
OVDD
GPIO_PD23/CLK3/BRGO10/UCC3_CLKO
B7
IO
OVDD
GPIO_PD24/CLK10/BRGO2/UCC4_CLKO
A12
IO
OVDD
GPIO_PD25/CLK13/BRGO16/UCC5_CLKO
B10
IO
OVDD
GPIO_PD26/CLK2/BRGO4/UCC1_CLKO
E4
IO
OVDD
GPIO_PD27/CLK1/BRGO3
F4
IO
OVDD
GPIO_PD28/CLK19/BRGO11
D15
IO
OVDD
GPIO_PD29/CLK15/BRGO8
C6
IO
OVDD
GPIO_PD30/CLK14
D6
IO
OVDD
GPIO_PD31/CLK7/BRGO15
E24
IO
OVDD
Power anf Ground Supplies
GVDD
AA8, AA10, AA11, AA13,
AA14, AA16, AA17, AA19,
AA21, AB9, AB10, AB11,
AB12, AB14, AB18, AB20,
AB21, AC6, AC8, AC14, AC18
GVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com