Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323E Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8323E
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8323E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8323E Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
Freescale Semiconductor
57
Package and Pin Listings
GPIO_PA26/Enet2_RX_ER/SER2_CD/TDMB_REQ/
LA10 (LBIU)
E26
IO
OVDD
GPIO_PA27/Enet2_TX_ER/TDMB_CLKO/LA11 (LBIU)
F25
IO
OVDD
GPIO_PA28/Enet2_RX_DV/SER2_CTS/
TDMB_RSYNC/LA12 (LBIU)
E25
IO
OVDD
GPIO_PA29/Enet2_COL/RXD[4]/SER2_RXD[4]/
TDMB_STROBE/LA13 (LBIU)
J25
IO
OVDD
GPIO_PA30/Enet2_TX_EN/SER2_RTS/
TDMB_TSYNC/LA14 (LBIU)
F26
IO
OVDD
GPIO_PA31/Enet2_CRS/SDET LA15 (LBIU)
J26
IO
OVDD
GPIO_PB0/Enet3_TXD[0]/SER3_TXD[0]/
TDMC_TXD[0]/CE_PIO4
A13
IO
OVDD
GPIO_PB1/Enet3_TXD[1]/SER3_TXD[1]/
TDMC_TXD[1]/CE_PIO5
B13
IO
OVDD
GPIO_PB2/Enet3_TXD[2]/SER3_TXD[2]/
TDMC_TXD[2]/CE_PIO6
A14
IO
OVDD
GPIO_PB3/Enet3_TXD[3]/SER3_TXD[3]/
TDMC_TXD[3]/CE_PIO7
B14
IO
OVDD
GPIO_PB4/Enet3_RXD[0]/SER3_RXD[0]/
TDMC_RXD[0]/CE_PIO8
B8
IO
OVDD
GPIO_PB5/Enet3_RXD[1]/SER3_RXD[1]/
TDMC_RXD[1]/CE_PIO9
A8
IO
OVDD
GPIO_PB6/Enet3_RXD[2]/SER3_RXD[2]/
TDMC_RXD[2]/CE_PIO10
A9
IO
OVDD
GPIO_PB7/Enet3_RXD[3]/SER3_RXD[3]/
TDMC_RXD[3]
B9
IO
OVDD
GPIO_PB8/Enet3_RX_ER/SER3_CD/TDMC_REQ
A11
IO
OVDD
GPIO_PB9/Enet3_TX_ER/TDMC_CLKO
B11
IO
OVDD
GPIO_PB10/Enet3_RX_DV/SER3_CTS/
TDMC_RSYNC
A10
IO
OVDD
GPIO_PB11/Enet3_COL/RXD[4]/SER3_RXD[4]/
TDMC_STROBE
A15
IO
OVDD
GPIO_PB12/Enet3_TX_EN/SER3_RTS/
TDMC_TSYNC
B12
IO
OVDD
GPIO_PB13/Enet3_CRS/SDET
B15
IO
OVDD
GPIO_PB14/CLK12
D9
IO
OVDD
GPIO_PB15 UPC1_TxADDR[4]
D14
IO
OVDD
GPIO_PB16 UPC1_RxADDR[4]
B16
IO
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com