Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCMA3-DC1-R Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMR35-DCMA3-DC1-R
Description  DMR35 DC Micro and Milli-ammeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCMA3-DC1-R Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMR35-DCMA3-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCMA3-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCMA3-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCMA3-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCMA3-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCMA3-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCMA3-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCMA3-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMR35-DCxA.A01.D04 Page 1 of 8
DMR35-DCxA Series
DMR35 DC Micro and Milli-ammeters
www.murata-ps.com
PRODUCT OVERVIEW
The DMR35-DCxA are a series of five DC microammeters and milliammeters that provide precision
measurements of DC current. The 3-1/2 digit numeric display supports precision measurement, and
a fast-responding 21 segment bargraph tracks quickly-changing measured values.
The internal precision shunt resistors simplify the meter’s use and allow for increased accuracy
compared with solutions relying on external shunt resistors. Rear-accessible DIP switches are provided
for the selection of measurement range and display brightness.
The meter is powered from an external 9-32VDC power supply and typically requires only 37 mA
when operated at 12V. The measurement inputs provide +/-48V of common-mode input range,
simplifying the meter’s use in a wide range of applications. The rugged polycarbonate housing is
mountable in a round hole using supplied screws, and is designed as a mechanical drop-in
replacement for many commonly available analog movement meters.
These meters are ideal for use in laboratory instrumentation, factory automation, and other
applications requiring precise DC current monitoring.
ORDERING INFORMATION:
MODEL NUMBER
DESCRIPTION
DMR35-DCUA-DC1-R
DC Microammeter, 50-500uA ranges, 9-32VDC powered, red display
DMR35-DCMA1-DC1-R
DC Milliammeter, 1-10mA ranges, 9-32VDC powered, red display
DMR35-DCMA2-DC1-R
DC Milliammeter, 15-50mA ranges, 9-32VDC powered, red display
DMR35-DCMA3-DC1-R
DC Milliammeter, 100-250mA ranges, 9-32VDC powered, red display
DMR35-DCMA4-DC1-R
DC Milliammeter, 300-1000mA ranges, 9-32VDC powered, red display
SIMPLIFIED BLOCK DIAGRAM
Features
Bright, easily readable LED display
Up to 3-1/2 digit measurements
Bar-graph display scale
0.8% measurement accuracy
Low burden voltage internal shunt
resistors
Selectable current measurement ranges
Unipolar/ Bipolar measurement options
User-adjustable display brightness
Mechanical drop-in replacement for
common analog-movement meters
Operates from 9 to 32 VDC
Low current consumption, 37 mA typical
at 12VDC
RoHS Compliant
Two year warranty
For full details go to
www.murata-ps.com/rohs


Similar Part No. - DMR35-DCMA3-DC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMR35-DCA MURATA-PS-DMR35-DCA Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA1-DC1-R MURATA-PS-DMR35-DCA1-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCA2-DC1-R MURATA-PS-DMR35-DCA2-DC1-R Datasheet
1Mb / 8P
Precision DC Shunt Ammeter
2021
DMR35-DCV MURATA-PS-DMR35-DCV Datasheet
1Mb / 8P
Precision DC Voltmeter
2023
DMR35-DCV1-DC1-R MURATA-PS-DMR35-DCV1-DC1-R Datasheet
1Mb / 8P
Precision DC Voltmeter
2023
More results

Similar Description - DMR35-DCMA3-DC1-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
True-rms-AC Ammeters with Alarm Function
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
5 Amp Input LED-Display AC Ammeters
logo
Extech Instruments Corp...
38387 EXTECH-38387 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
logo
NTE Electronics
02-P1R0-1 NTE-02-P1R0-1 Datasheet
898Kb / 1P
Overcurrent Protection for Ammeters, Digital Multimeters, Micro?묮lectric Machinery, and Transistors
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Ningbo Leison Motor Co....
LS-RF-300CA NINGBO-LS-RF-300CA Datasheet
595Kb / 1P
MICRO DC MOTOR
LS-RF-310TA NINGBO-LS-RF-310TA Datasheet
536Kb / 1P
MICRO DC MOTOR
LS-RF-500TB NINGBO-LS-RF-500TB Datasheet
550Kb / 1P
MICRO DC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com