Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  Sunlight Readable, 3½ Digit Panel Meters with Auto-Dimming LED Displays MPS Part
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 3. Differential Input Configuration
R2
R1 + R2
x VIN = Reading
50k
Ω < R1 + R2 < 10MΩ
Figure 6. Floating Input Measurements
(Alternate Configuration)
Figure 5. Floating Input Measurements
Figure 4. Input Attenuation Circuit
RShunt = R1 = VFsr /IFsr
Where:
VFsr = Full scale reading (in Volts)
IFsr = Relative full scale current (in Amps)
5. Process Control (4-to-20mA) Measurements: In many common pro-
cess-control applications, a 4-to-20mA current loop is used to transmit
information. Because DMS-30DR meters have such high input imped-
ance, a simple shunt resistor across the meter's input can be used to
convert the loop current to a voltage. See Figure 7. The value of the
shunt resistor is a function of the scaling requirements of the particular
application and can be calculated using the following equation:
2. Differential Input Configurations: Differential measurements can be
made with all DMS-30DR meters. Figure 3, though not a practical real-
world application, uses a voltage divider to demonstrate the concept
of a differential input signal. Be careful not to exceed the ±2V common
mode voltage limitation for 5V-powered meters.
3. Engineering Scaling: For measuring voltages greater than the full
scale input range of a given meter, the input signal must be attenuated.
A simple voltage divider (similar to that shown in Figure 4) will scale
the input to within the range of the selected meter. R1 and R2 should
be precision, ±1%, metal-film resistors with absolute TCR's less than
50ppm/°C. See Ap Note 4 for more information on engineering scaling.
4. Floating Signal Source Measurements: Floating signals can be
measured using the circuits shown in Figures 5 and 6. Connecting pin
10 (ANALOG COMMON) or pin 3 (5V RETURN) to (–) INPUT LO (pin
12) provides the reference point for the meter's input.
A "floating" input is a signal that has no galvanic connection to the
meter's power supply. In the figures below, the 1.5V battery illustrates a
true floating input.
1
12
3
+5V SUP
(–) IN LO
5V RET
11
(+) IN HI
6
AC to DC Converter
R2
R1
R3
1k
1k
1k
8
7
REF IN
DP1
REF OUT
DMS-30DR-1
85-264Vac
R2
11
12
(+) IN HI
(–) IN LO
VIN
R1
–
1
3
+5V SUP
5V RET
8
7
REF OUT
REF IN
DMS-30DR-1
85-264Vac
1
3
+5V SUP
5V RET
6
DP1
AC to DC Converter
DMS-30DR-1
12
(–) IN LO
11
(+) IN HI
1.5V
CELL
–
8
REF OUT
REF IN
7
85-264Vac
1
3
5V RET
6
DP1
12
(–) IN LO
10
ANA COMM
11
(+) IN HI
1.5V
CELL
–
8
7
REF OUT
REF IN
DMS-30DR-1
+5V SUP
AC to DC Converter
85-264Vac
www.murata-ps.com/support
DMS-30DR Series
Sunlight Readable, 3½ Digit Panel Meters
with Auto-Dimming LED Displays
MPM_DMS-30DR.C0
3 Page 4 of 6
APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com