Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet (PDF) - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet PDF - Murata Power Solutions Inc.
Part # DMS-EB-RMS-C
Download  DMS-EB-RMS-C Download
File Size   527.4 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Sunlight Readable, 3½ Digit Panel Meters with Auto-Dimming LED Displays MPS Part

DMS-EB-RMS-C Datasheet (PDF)

Go To PDF Page Download Datasheet
DMS-EB-RMS-C Datasheet PDF - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Download  DMS-EB-RMS-C Click to download

File Size   527.4 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Sunlight Readable, 3½ Digit Panel Meters with Auto-Dimming LED Displays MPS Part

DMS-EB-RMS-C Datasheet (HTML) - Murata Power Solutions Inc.


DMS-EB-RMS-C Product details

Super-bright LED displays are readable in direct
sunlight!
Autodim circuitry automatically adjusts display
brightness
Includes external brightness adjustment
Large (0.56"/14.2mm) easy-to-read red LED display
High reliability alternative to LCD displays
Ideal for automotive, industrial, and marine applications
Encapsulated package mounts in panels or pc-boards
Miniature housing: 2.17˝ x 0.92" x 0.56"
55mm x 23mm x 14mm)
4 differential input ranges provide ±1 count accuracy
Single +5V supply; Less than 1-Watt power consumption
0 to +60°C operating temperature range




Similar Part No. - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
277Kb / 6P
3½ Digit, LCD Display Digital Panel Voltmeters
2015
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
288Kb / 6P
3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
2015
More results


Similar Description - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DMS30DR DELTA-DMS30DR Datasheet
680Kb / 6P
Daylight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
logo
Murata Power Solutions ...
DMS-30PC-4 MURATA-PS-DMS-30PC-4 Datasheet
231Kb / 4P
4-20mA Input 3쩍 Digit Panel Meters with Full-Size LED Displays
logo
Murata Manufacturing Co...
DMS30DR MURATA-DMS30DR Datasheet
201Kb / 6P
Sunlight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
DMU-30ACV MURATA-DMU-30ACV Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
DMU-30DCV MURATA-DMU-30DCV Datasheet
143Kb / 3P
Ruggedized DC Voltmeters with Daylight Readable Auto-Dimming LED Displays
logo
Axiomtek Co., Ltd.
GOT815 AXIOMTEK-GOT815 Datasheet
330Kb / 2P
Sunlight readable design
logo
BOSER Technology Co., L...
BPF-8321-W-HB BOSER-BPF-8321-W-HB Datasheet
82Kb / 1P
21.5 Wide Temperature, Sunlight Readable Fanless Panel PC with Touch Screen
logo
AZ Displays
DLF0835 AZDISPLAYS-DLF0835 Datasheet
2Mb / 35P
Sunlight Readable 8.4??LED B/L LCD
logo
Marl International Limi...
524-501-2112 MARL-524-501-2112_15 Datasheet
434Kb / 5P
Sunlight readable LEDs
528-501-2112 MARL-528-501-2112_15 Datasheet
432Kb / 5P
Sunlight readable LEDs
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com