Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  Sunlight Readable, 3½ Digit Panel Meters with Auto-Dimming LED Displays MPS Part
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES: 2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
LEAD DIMENSIONS: 0.025 (0.635) x 0.025 (0.635) NOMINAL
RECOMMENDED PC BOARD FINISHED HOLE DIAMETER:
0.042 ±0.003 (1.067 ±0.076)
PIN #1
IDENTIFIER
FRONT VIEW
+5V SUPPLY
EXT. BRIGHTNESS
5V RETURN
DP3
DP2
DP1
1
2
3
4
5
6
12
11
10
9
8
7
(–) INPUT LO
(+) INPUT HI
ANALOG COMMON
+1.225V REFERENCE OUT
REFERENCE OUT
REFERENCE IN
DP1
DP2
DP3
2.17
(55.1)
2.09
(53.1)
1.80
(45.7)
0.25 (6.4) TYP.
0.15
(3.7)
TYP.
0.040
(1.02)
0.040
(1.02)
0.10
(2.5)
TYP.
0.50
(12.7)
0.17
(4.3)
TYP.
0.92
(23.4)
0.84
(21.3)
0.560
(14.22)
0.040
(1.02)
0.250
(6.35)
0.260
(6.60)
PIN 1
CALIBRATION AND MIN-INTENSITY
POTENTIOMETER HOLE LOCATIONS
0.125 (3.175) DIAMETER
(USE ONLY WHEN PC BOARD MOUNTING)
0.205
(5.20)
0.595
(15.1)
INTENSITY
CALIBRATION
BEZEL INSTALLATION
BEZEL
GASKET
PANEL
Front View
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifi cations are subject to change
without notic e .
© 20
22 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
1
29 Flanders Road, Westborough, MA 01581 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
DMS-30DR Series
Sunlight Readable, 3½ Digit Panel Meters
with Auto-Dimming LED Displays
MPM_DMS-30DR.C0
3 Page 6 of 6
BEZEL INSTALLATION AND RECOMMENDED DRILL AND PANEL CUTOUT
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com