Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  Sunlight Readable, 3½ Digit Panel Meters with Auto-Dimming LED Displays MPS Part
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
 Super-bright LED displays are readable in direct
sunlight!
 Autodim circuitry automatically adjusts display
brightness
 Includes external brightness adjustment
 Large (0.56"/14.2mm) easy-to-read red LED display
 High reliability alternative to LCD displays
 Ideal for automotive, industrial, and marine applications
 Encapsulated package mounts in panels or pc-boards
 Miniature housing: 2.17˝ x 0.92" x 0.56"
(55mm x 23mm x 14mm)
 4 differential input ranges provide ±1 count accuracy
 Single +5V supply; Less than 1-Watt power consumption
 0 to +60°C operating temperature range
Murata Power Solutions’ new DMS-30DR Series are the first digital panel meters to offer LED
displays that are readable in direct sunlight—no special filters or shading devices are required.
Their Autodim circuit automatically adjusts the display’s brightness to suit viewing environments
ranging from total darkness to full, brilliant sunlight. A user-accessible brightness adjustment pin
enables custom intensity settings or display matching in multiple display applications. Washed
out, hard-to-read digital readouts are a thing of the past!
Until now, users whose instrumentation required daylight visibility had to settle for less
reliable LCD display technology. However, in order to remain legible in low ambient light, LCDs
require complex, power-hungry backlighting circuitry. And, these displays typically suffer from
very narrow viewing angles. In contrast, DMS-30DR Series LED-based displays’ power consump-
tion drops as ambient light decreases, and their viewing angle extends to nearly 180 degrees
vertically and horizontally.
All models operate from a single +5V supply, and draw as little as 7mA when operated in total
darkness—that’s less than 1/10 Watt. At maximum brightness power consumption is typically
less than 200mA (1 Watt). DMS-30DR voltmeters are available in four differential input voltage
ranges: ±200mV, ±2V, ±20V and ±200V. Input impedance is 1,000 megohms for the ±200mV
and ±2V inputs and 1 megohm for the ±20V and ±200V inputs. CMRR for all devices is 86dB,
and inputs are overvoltage protected to ±250V. Each meter incorporates a precision, ultra-stable
voltage reference and is factory calibrated prior to encapsulation.
The small size (2.17" x 0.92" x 0.56") of DMS-30DR meters is achieved by integrating their
display, Autodim display drivers, light sensor, reference circuit, and A/D converter into in a rugged
epoxy-encapsulated assembly. The device’s 12-pin, component-like, DIP package is both vibra-
tion and moisture proof, making them ideal for harsh environments. Each package incorporates a
built-in color filter and bezel, and is easily mounted in either panels or pc boards.
1
+5V SUPPLY
+5V
+5V
0.01μF
R2 (1)
12
(–) INPUT LO
EXTERNAL BRIGHTNESS 2
ADJUSTMENT
DC/DC
CONVERTER
–5V
–5V
R1
909k
11
(+) INPUT HI
3
5V RETURN
0 Vdc
+5V
–5V
A/D
CONVERTER
DATA
1.225V
REF.
10 ANALOG
COMMON
DP 3
4
9
1.82k
+1.225V REFERENCE OUT
5
DP 2
6
DP 1
LIGHT
SENSOR
+5V
8
REFERENCE OUT
7
REFERENCE IN
For full details go to
www.murata-ps.com/rohs
Figure 1. DMS-30DR Simplified Schematic
(1) R2 is not used on ±200mV (-0) models or ±2V (-1) models.
R2 = 100k on ±20V (-2) models and 9.1k on ±200V (-3) models.
MPM_DMS-30DR.C03 Page 1 of 6
www.murata-ps.com/support
DMS-30DR Series
Sunlight Readable, 3½ Digit Panel Meters
with Auto-Dimming LED Displays
MPS Part Number
Product Status
LTB Date
DMS-30DR-0-R-C
Discontinued
3/29/2019
DMS-30DR-1-R-C
To be discontinued
4/30/2024
DMS-30DR-2-R-C
To be discontinued
4/30/2024
DMS-30DR-3-R-C
Discontinued
3/31/2016


Similar Part No. - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
277Kb / 6P
3½ Digit, LCD Display Digital Panel Voltmeters
2015
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
288Kb / 6P
3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
2015
More results

Similar Description - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DMS30DR DELTA-DMS30DR Datasheet
680Kb / 6P
Daylight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
logo
Murata Power Solutions ...
DMS-30PC-4 MURATA-PS-DMS-30PC-4 Datasheet
231Kb / 4P
4-20mA Input 3쩍 Digit Panel Meters with Full-Size LED Displays
logo
Murata Manufacturing Co...
DMS30DR MURATA-DMS30DR Datasheet
201Kb / 6P
Sunlight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
DMU-30ACV MURATA-DMU-30ACV Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
DMU-30DCV MURATA-DMU-30DCV Datasheet
143Kb / 3P
Ruggedized DC Voltmeters with Daylight Readable Auto-Dimming LED Displays
logo
Axiomtek Co., Ltd.
GOT815 AXIOMTEK-GOT815 Datasheet
330Kb / 2P
Sunlight readable design
logo
BOSER Technology Co., L...
BPF-8321-W-HB BOSER-BPF-8321-W-HB Datasheet
82Kb / 1P
21.5 Wide Temperature, Sunlight Readable Fanless Panel PC with Touch Screen
logo
AZ Displays
DLF0835 AZDISPLAYS-DLF0835 Datasheet
2Mb / 35P
Sunlight Readable 8.4??LED B/L LCD
logo
Marl International Limi...
524-501-2112 MARL-524-501-2112_15 Datasheet
434Kb / 5P
Sunlight readable LEDs
528-501-2112 MARL-528-501-2112_15 Datasheet
432Kb / 5P
Sunlight readable LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com