Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet (PDF) - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet PDF - Murata Power Solutions Inc.
Part # DMS-EB-RMS-C
Download  DMS-EB-RMS-C Download
File Size   277.95 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 3½ Digit, LCD Display Digital Panel Voltmeters

DMS-EB-RMS-C Datasheet (PDF)

Go To PDF Page Download Datasheet
DMS-EB-RMS-C Datasheet PDF - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Download  DMS-EB-RMS-C Click to download

File Size   277.95 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 3½ Digit, LCD Display Digital Panel Voltmeters

DMS-EB-RMS-C Datasheet (HTML) - Murata Power Solutions Inc.


DMS-EB-RMS-C Product details

Large (0.4"/10.2mm), enhanced-contrast, LCD display
Single +5V supply or 9V battery
Power as low as 3.2mW
Miniature size:
2.17" x 0.92" x 0.43" (55mm x 23mm x 11mm)
Epoxy-encapsulated, 12-pin DIP
Backlit displays optional
4 differential input voltage ranges
High accuracy, ±1 count (±0.05%)
Autopolarity changeover and overrange indication
User-selectable decimal point placement
Numerous "plug-on" application boards
0 to +60°C temperature range




Similar Part No. - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
527Kb / 6P
Sunlight Readable, 3½ Digit Panel Meters with Auto-Dimming LED Displays MPS Part
2022
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
288Kb / 6P
3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
2015
More results


Similar Description - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com