Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  3½ Digit, LCD Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
DMS-30LCD Series
3½ Digit, LCD Display Digital Panel Voltmeters
MPM_DMS30LCD.E01 Page 1 of 6
Offering all the outstanding features and benefits of Murata Power Solutions’ industry
leading DMS-20LCD Series of 3½ Digit LCD Panel Meters, DMS-30LCD meters offer larger,
more easily readable displays at slightly higher power consumptions. Like all DMS Series
LCD meters, these miniature (2.17” x 0.92” x 0.43”), epoxy-encapsulated devices offer
component-like ease-of-use, outstanding reliability and easy installation in either panels or
pc-cards.
DMS-30LCD devices operate from a single +5V supply or a 9V battery. Battery-oper-
ated units typically draw 350μA and consume a mere 3.2mW. Backlit models are available
for low-light applications; though we have found many designers prefer Murata Power
Solutions’ unique low-power LED meters in those circumstances.
Offering 4 optional input voltage ranges (±200mV, ±2V, ±20V or ±200V), DMS-30LCD
meters have an extremely user-friendly input structure. They can be used in differential
or single-ended modes. Input impedance is a minimum 800kΩ. CMRR is typically 86dB.
CMV is ±2V, and inputs are overvoltage protected to ±100V.
Each meter incorporates an extremely stable, double regulated reference and is fully
calibrated at our factory prior to encapsulation. We guarantee outstanding initial accuracy
(±1 count) and excellent stability over temperature (±0.15 counts/°C). These extremely
rugged meters are moisture and vibration proof and never require adjustment or recalibra-
tion.
For popular applications (4-to-20mA, rms-to-dc conversion, ac line power, J and K
thermocouples, etc.), the DMS-30LCD Series includes a complete line of "plug-on" applica-
tion boards that conveniently convert your meter into an application-specific instrument.
FEATURES
 Large (0.4"/10.2mm), enhanced-contrast, LCD display
 Single +5V supply or 9V battery
 Power as low as 3.2mW
 Miniature size:
2.17" x 0.92" x 0.43" (55mm x 23mm x 11mm)
 Epoxy-encapsulated, 12-pin DIP
 Backlit displays optional
 4 differential input voltage ranges
 High accuracy, ±1 count (±0.05%)
 Autopolarity changeover and overrange indication
 User-selectable decimal point placement
 Numerous "plug-on" application boards
 0 to +60°C temperature range
+1.23V REFERENCE OUT
(+) INPUT HI
ANALOG
(–) INPUT LO
COMMON
REFERENCE OUT
REFERENCE IN
R1
DP 1
DP 2
DP 3
6
5
+5V SUPPLY/
+BATTERY
4
9
11
12
10
8
7
1
3
DC/DC
CONVERTER
2
5V RETURN/
+5V
–BATTERY
–5V
+5V
REF.
R2
1.23V
DATA
+2.0V
V+
909k
V–
A/D
CONVERTER
0 Vdc
0.01µF
1
DISPLAY TEST/
BACKLIGHT
J1
R2 is not used on ±200mV (-0) models or ±2V (-1) models.
R2 = 100k on ±20V (-2) models and 9.1k on ±200V (-3) models.
1.82k
DC/DC converter is not used on 9V-powered models,
J1 is connected.
Display Test function is not available on backlit models.
3
2
1
3
2


Similar Part No. - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
527Kb / 6P
Sunlight Readable, 3½ Digit Panel Meters with Auto-Dimming LED Displays MPS Part
2022
DMS-EB-RMS-C MURATA-PS-DMS-EB-RMS-C Datasheet
288Kb / 6P
3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
2015
More results

Similar Description - DMS-EB-RMS-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com