Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  3½ Digit, LCD Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.murata-ps.com/support
DMS-30LCD Series
3½ Digit, LCD Display Digital Panel Voltmeters
MPM_DMS30LCD.E01 Page 3 of 6
APPLICATIONS
Figure 2. Single-Ended Input Configuration
(5V-Powered Models)
Example: If +BATTERY (pin 1 with respect to pin 3) is +12.6V,
RSeries =
Ohms
+12.6 – 9.2V
0.035
RSeries =
Ohms
+BATTERY – 9.2V
0.035
RSeries = 97 Ohms
In any backlit application, including those with supply voltages
< 9.2V, the current drawn by the backlight (and therefore the current
drawn by the meter) can be reduced by installing a 1/4 Watt resistor
between pins 3 and 2. The brightness of the backlight will be reduced
proportionately.
7. Gain Adjust: There is a gain-adjust potentiometer on the back of each
meter. It has approximately ±50 counts (±2.5%) of adjustment range.
Since these devices essentially have no zero/offset errors, a gain
adjustment is effectively an overall accuracy adjustment. Though they
may be performed at any point (except zero), accuracy adjustments
are most effective when performed with higher level input signals.
Refer to Figure 9 for applications requiring greater ( ±10%) gain adjust-
ments.
DMS-30LCD meters are available in either 5V-powered or 9V-powered
models. 9V devices operate directly from 7.5V to 14V supplies (usually
batteries) without the need for external voltage regulators. 9V devices,
however, can not be used to measure voltages referenced to the negative
battery terminal (pin 3) because the minus input to the meter (pin 12, (–)
INPUT LO) must always be at least 1.5V above pin 3. 9V-powered meters
can only be used to make differential and not single-ended measurements.
5V-powered devices operate from any well-regulated +5V supply and will
accurately measure voltages both above and below pin 3 (5V RETURN) in
either single-ended or differential configurations.
1. Single-Ended Input Configurations: True single-ended measure-
ments can only be made with 5V-powered meters. The circuit of Figure
2 avoids problems normally associated with ground-loop currents.
Separate ground runs should be used for 5V RETURN (pin 3) and (–)
INPUT LO (pin 12).
8. Soldering Methods: All models in the DMS-30LCD Series easily
withstand most common wave soldering operations. We recommend,
however, you evaluate the effects your particular soldering techniques
may have on the meter’s plastic case and high-precision electrical
performance. We recommend the use of no-clean lead-free solders.
9. Suggested Mating Connectors:
Panel mounted:
Connector housing
Murata Power Solutions P/N 4320-01069-0
Terminal type
Murata Power Solutions P/N 4400-01032-0
Wire size
22 to 26 AWG
Insulation diameter
0.062” (1.57mm) maximum
Stripping length
0.100 to 0.125” (2.54 to 3.17mm)
Board mounted:
Socket
Murata Power Solutions P/N 4320-01074-0
3. Decimal Point Placement: The location of the decimal point is user-
selectable, and the decimal point control pins (DP1-DP3) are active low
functions. Select the appropriate decimal point by tying the appropriate
pin (pin 4, 5 or 6) to pin 3 (5V RETURN/
–BATTERY). Unused decimal point location pins should be left open.
For 5V-powered models, the decimal location pins are TTL compatible
and may be hard wired as described above or driven with 5V TTL logic
gates.
4. REFERENCE OUTPUT (Pin 8) and INPUT (Pin 7): Pin 8 is a preci-
sion reference actively trimmed at the factory. In normal operation, pin
8 must be tied to pin 7 to achieve all listed accuracy and drift specifica-
tions.
5. DISPLAY TEST (Pin 2): (Not available on backlit models)
Connect DISPLAY TEST (pin 2) to +5V SUPPLY/+BATTERY
(pin 1) to activate. All LCD segments, exclusive of the decimal points,
will be momentarily enabled. Do not leave the unit in the TEST
mode for more than 10 seconds as this will damage the LCD seg-
ments.
6. BACKLIGHT (Pin 2) Function: For backlit models, grounding pin 2
(i.e. connecting it to pin 3) turns on the backlighting LED’s. 9V-pow-
ered backlit models function with supply voltages up to +14V, however,
activating the backlight with voltages greater than 9.2V can damage
the meter. Therefore, a 1/4 Watt series resistor must be installed
between pins 3 and 2 in these situations. The value of the series resis-
tor is determined using the following formula:
1
12
3
+5V SUP
(–) IN LO
5V RET
120 VAC
11
(+) IN HI
6
DP1
+
–
AC to DC Converter
VIN
DMS-30LCD-1-5
8
7
REF OUT
REF IN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com