Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  3½ Digit, LCD Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.murata-ps.com/support
DMS-30LCD Series
3½ Digit, LCD Display Digital Panel Voltmeters
MPM_DMS30LCD.E01 Page 2 of 6
TECHNICAL NOTES
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V (using the single-ended input circuit)
or +9V (using the differential input circuit), unless otherwise noted.
➀ Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11)
with (–) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage
protected (see Figure 1). Voltages applied to pin 12 should not exceed the
supply voltage.
➁ Listed spec applies to 5V-powered models only. For 9V-powered models, both
(–) INPUT LO (pin 12) and (+) INPUT HIGH (pin 11) must always be at least
1.5V above –BATTERY (pin 3) and at least 1.5V below +BATTERY (pin 1).
➂ See Technical Notes.
DMS-30LCD - 1 - 5
- C
Input Range:
0 = ±200mV
1 = ±2V
2 = ±20V
3 = ±200V
DMS-30-CP
Panel cutout punch
DMS-BZL1-C
DMS-30 bezel assembly
DMS-BZL2-C
DMS-30 bezel assembly with sealing gasket
Add-On Application Boards:
DMS-EB-C
Multi-purpose (gain/offset, 4-20mA, etc.)
DMS-EB-DC/DC-C
Provides isolated +5V power
DMS-EB-RMS-C
For true rms measurements of ac voltages
DMS-EB-AC/DC-C
For ac line-powered applications
A panel-mount retaining clip is supplied with each model.
Leave blank for standard
models.
Add B for backlit models.
Power Source:
5 = +5V
1. +1.23V REFERENCE OUTPUT (Pin 9): This pin is the output of the
meter’s precision +1.23V internal reference, and it is referenced to
ANALOG COMMON (pin 10) which sits at a potential of approximately
+2V. This output should be buffered if used to drive external loads
since sourcing more than 15µA from pin 9 can affect both the initial
accuracy and temperature drift of the meter.
2. ANALOG COMMON (Pin 10): This pin is connected to an internal,
low-noise, “relative” ground. It is used in certain differential and “float-
ing” measurements as described in the Applications section of this data
sheet and Ap Note DMS-AN3 at
http://www.murata-ps.com/data/meters/dms-an3.pdf. Pin 10 should
not be connected to pin 3 (5V RETURN/–BATTERY) or to your
system’s analog ground.
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-30LCD-0
–
±200
–
mV
DMS-30LCD-1
–
±2
–
Volts
DMS-30LCD-2
–
±20
–
Volts
DMS-30LCD-3
–
±200
–
Volts
Input Impedence:
DMS-30LCD-0, -1
100
1000
–
MΩ
DMS-30LCD-2, -3
0.8
1
–
MΩ
Overvoltage Protection
➀
––
DMS-30LCD-0, -1, -2
–
–
±100
Volts
DMS-30LCD -3
–
–
±250
Volts
Common Mode Voltage Range
➁
–
–
±2
Volts
CMRR (dc to 60Hz)
–
86
–
dB
Control Inputs
➂
Decimal Pt. Placement (Pins 4-6):
Functionality
Logic Compatibility
Tie to pin 3 to activate
TTL (on 5V-powered models)
Display Test (Pin 2)
Tie to pin 1 to activate
Backlight (Pin 2)
Tie to pin 3 to turn on backlight
Performance
Sampling Rate
2.5 reading per second
Accuracy (1 minute warm-up):
DMS-30LCD-0 (Vin = +0.19V)
–
±1
±2
Counts
DMS-30LCD-1 (Vin = +1.9V)
–
±1
±2
Counts
DMS-30LCD-2 (Vin = +19V)
–
±2
±3
Counts
DMS-30LCD-3 (Vin = +190V)
–
±2
±3
Counts
Zero Reading (Vin = 0 Volts)
“–001”
“000”
“001”
Temperature Drift (0 = +60°C)
–
±0.2
±0.4
Cnts/°C
+1.23V Reference Out (Pin 9)
+1.20
+1.23
+1.25
Volts
Power Supply Requirements (5V Models)
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
Standard Models
–
800
1200
µA
Backlit Models
–
45
60
mA
Power Supply Requirements (9V Models)
Supply Voltage
+7.5
+9.00
+14.0
Volts
Supply Current:
Standard Models
–
350
600
µA
Backlit Models
–
45
60
mA
Display
Display Type and Size
3½ digit, 0.4"/10.2mm high LCD
Polarity Indication
Autopolarity ("–" for negative Vin)
Overrange Indication
"–1_ _ _ " for negative inputs
"1_ _ _ " for positive inputs
Ordering Information
*
Physical/Environmental
Operating Temperature
0
–
+60
°C
Storage Temperature
–20
–
+75
°C
Humidity (non-condensing)
0
–
95
%
Case Material
Polycarbonate
Weight
0.75 ounces (21 grams)
Add -C for RoHS
9 = +9V
*See www.murata.com/products/power for model-specific availability.
Accessories:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com