Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  3½ Digit, LCD Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.murata-ps.com/support
DMS-30LCD Series
3½ Digit, LCD Display Digital Panel Voltmeters
MPM_DMS30LCD.E01 Page 5 of 6
APPLICATIONS
R2
(R1 + R2 + R3)
= 0.1
Figure 7. 4-to-20mA Current Loop Operation
(5V-Powered Models)
Figure 9. External Gain Adjustment
Figure 8. Power Supply Monitor
(9V-Powered Models)
6. Power Supply Monitoring: A popular application for Murata Power
Solutions’ low-power LCD meters is monitoring the supply voltage in
battery-operated portable equipment. Figure 8 demonstrates how a
9V-powered DMS-30LCD can be used to monitor its own supply. The
meter used is the DMS-30LCD-1-9. A three-resistor voltage divider is
used to attenuate the battery voltage and also to satisfy the require-
ment that the input voltages applied to pins 12 and 11 be at least 1.5
Volts above and below the battery voltage applied to pins 1 (+BAT-
TERY) and 3 (–BATTERY). The divider should be designed so that
1/10th the battery voltage falls across the inputs to the meter:
To calibrate the circuit of Figure 7, perform the following:
1. With 4mA applied, adjust the 50kΩ potentiometer (R2) to
display a reading of "000" (assuming that is the desired
reading).
2. With 20mA applied, adjust the gain-adjust potentiometer on
the back of the meter to display a reading of "1999". For different full
scale readings, alter the RShunt value accordingly.
RShunt = R1 = VFsr /IFsr
Where:
VFsr = Full scale reading (in Volts)
IFsr = Relative full scale current (in Amps)
Example: For a meter with a 2V full scale input (1.999 full
scale reading) and a desired full scale display reading of
1000 (with an input of 20mA), VFsr = 1.000 Volts
RShunt = 1.000V/(0.020 – 0.004)A
RShunt = 1.000V/0.016A = 62.5 Ohms
7. External Gain Adjustment: Connect REFERENCE OUT
(pin 8) to REFERENCE IN (pin 7) for normal, factory calibrated, opera-
tion. Use the +1.23V REFERENCE OUT (pin 9) for applications need-
ing external gain adjustment. Figure 9 shows the wiring configuration
for each model. Calibration is performed with a precise, near-full-scale,
input voltage.
Therefore, the 9V battery voltage appears to the meter inputs as 0.9V.
With the decimal point moved to its DP2 position
(pin 5 tied to pin 3), the meter reads 9.00 Volts.
The circuit can be calibrated by first measuring the actual battery volt-
age with another meter and then adjusting the gain-adjust potentiom-
eter on the back of the DMS-30LCD until a similar reading is obtained.
If possible, the resistors in the divider should be ±1% metal-film types
with TCR’s less than 50ppm/°C.
1
12
3
+BAT
(–) IN LO
11
–BAT
5
DP2
(+) IN HI
R2
R1
R3
45.3k
10.1k
9V
45.3k
BATTERY
–
8
7
REF OUT
REF IN
DMS-30LCD-1-9
9
(+) IN HI
(–) IN LO
10
ANA COMM
1.23V REF
1k
8
REF IN
11
10 to 20 Turns
1k
10 to 20 Turns
8.45k, 1%
5V RET
8.45k, 1%
7
NC
12
3
For 5V models tie
(–) IN LO to pin 3
For 9V models tie
12
(–) IN LO to pin 10
VOLTAGE
OUT
COM
CALIBRATOR
Connections
for ±2V and
±20V models
Connections
for ±200mV
models
DMS-30LCD
3
1
+5V SUP
5V RET
120 VAC
AC to DC Converter
(–) IN LO
ANA COMM
(+) IN HI
R1
–
4-20mA
50k
R2
8
7
REF OUT
REF IN
DMS-30LCD-1-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com