Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Type 8650
5 | 16
Visit product website 
1.3. Supply slice right/left/middle
• The connection discs (in the picture connection discs right/left) form the interfaces between the
electrical modules of the Siemens SIMATIC ET 200iSP™ series and the pneumatic Bürkert
valve block. The AirLINE Ex system is supplied with compressed air via the connection discs.
• Further information regarding dimensions can be found in chapter “5. Dimensions” on page 8
Product properties
Material
Body (pneumatic)
PA, PC, brass, stainless steel
Weight
With manometer: approx. 500 g
Electrical data
Power consumption
0 W (module is electrically passive)
Process/Port connection & communication
Pneumatic connection
G ⅜" (P + R/S) and G ⅛" (X)
Connection size for pressure switch
G ¼"
1.4. 11 mm width per station: pilot valves Type 6524 and Type 6525 Ex i
• The pneumatic valves of Type 6524  and Type 6525  consist of an Ex i pilot solenoid valve
and a pneumatic seat valve. The operating principle allows switching of high pressures with low
power consumption and short switching times. The pilot valves are equipped with a manual
override as standard (alternatively versions without manual override).
• Further information regarding ordering information can be found in chapter “8.3. Ordering
chart replacement valves” on page 11.
Product properties
Material
Body
PA (polyamide)
Seal
NBR
Manual actuation
Yes (alternative versions without)
Orifice
DN 4 mm
Performance data
Flow (Q
Nn value air)
300 l/min, measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar differential pressure
Nominal operating mode
Continuous operation 100 % duty cycle
Electrical data
Nominal power of each valve
0.3 W (2 × 0.3 W with 2 × 3/2-way valve)
Process/Port connection & communication
Port connection
Via valve block Bürkert Type 8650
Electrical connection (on valve)
Via valve block Bürkert Type 8650
Environment and installation
Mounting condition
For single valves: M2 x 20
For double valves: M2 x 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com