Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Type 8650
15 | 16
Visit product website 
Spare parts SVVI for Type 8650, REV2 – Pneumatics 11/16 mm width per station
Pos.
Description
Content
Article no.
1
Spare valves see “8.5. Ordering chart spare parts” on page 14
–
–
2
Cover plate see “8.4. Ordering chart accessories” on page 13
–
–
3
Set of valve seals
–
–
Spare valve seals FM20 for Type 6524, 2 x 3/2-way solenoid valve
12
20016305 
Spare valve seats FM24 for Type 6524, 3/2-way solenoid valve
12
20024336 
Spare valve seals FM16 for Type 0460
12
20016307 
4
Sets of module seals
–
–
Spare module seals for Type MP17
4
20016310 
5
Supply units
–
–
Supply unit left for Type 8650, 11 mm/16 mm, G ⅜, with manometer
1
20014283 
Intermediate supply for Type 8650, 11 mm/16 mm, G ⅜, with manometer
1
20014284 
Supply unit right for Type 8650, 11 mm/16 mm, G ⅜, with manometer
1
20014285 
6
Module units
–
–
Valve unit for Type 8650, 11 mm, 4-fold, D6, FM14, single valve
1
20014277 
Valve unit for Type 8650, 11 mm, 4-fold, D6, FM14, double valve
1
20014278 
Valve unit for Type 8650, 11 mm, 4-fold, D6, FM20, single valve, P barrier, RSV
1
20014279 
Valve unit for Type 8650, 11 mm, 4-fold, D6, FM20, double valve, P barrier, RSV
1
20014280 
Valve unit for Type 8650, 16 mm, 4-fold, D8, FM17
1
20014281 
Valve unit for Type 8650, 16 mm, 4-fold, D8, FM17, RSV
1
20014282 
Valve unit for Type 8650, 11 mm, 4-fold, D¼, FM20, single valve
1
20014287 
Valve unit for Type 8650, 11 mm, 4-fold, D¼, FM20, double valve
1
20014288 
Valve unit for Type 8650, 11 mm, 4-fold, D¼, FM20, single valve, P barrier, RSV
1
20014289 
Valve unit for Type 8650, 11 mm, 4-fold, D¼, FM20, double valve, P barrier, RSV
1
20014290 
6
Base modules
o. r.
o. r.
7
Electronic Modules
–
–
Electrical base module for Type 8650, 11 mm, 4-fold, double valve
1
20027512 
Electrical base module for Type 8650, 11 mm, 4-fold, single valve
1
20027513 
Electrical base module for Type 8650, 16 mm, 4-fold
1
20027514 
Terminal module 11 mm for Type 8650
1
20033030 
Terminal module 16 mm for Type 8650
1
20033032 
o. r. = on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com