Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Type 8650
12 | 16
Visit product website 
Pilot valves Type 6526 and Type 6527 Ex i (16.5 mm width per station)
Note:
• ATEX and IECEx certified
• Other valve functions on request
• Further information about technical data can be found in chapter “1.5. 16.5 mm width per station: pilot valves Type 6526 and
Type 6527 Ex i” on page 6.
• Further information about the circuit functions can be found in chapter “2. Circuit functions” on page 6.
Circuit function
Switching times Switching times Pressure range
Manual override
Article no.
Opening
Closing
[ms]
[ms]
[bar]
C (CF C)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
2(A)
1(P)
3(R)
12
80
90
2…8
Yes
263932  
No
No
175674 
1…8
Yes
366798  1.)
H (CF H)
5/2-way solenoid valve
Servo-controlled, with manual override
Pressure applied via port (1), therefore one
of the two ports (2) or (4) is under pressure.
14
12
4
2
5 1 3
80
90
2…8
Yes
365024 
No
No
175728 
1…8
Yes
366799  1.)
1.) Version with auxiliary pilot air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com