Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Type 8650
11 | 16
Visit product website 
8.3. Ordering chart replacement valves
Pilot valves Type 6524 and Type 6525 Ex i (11 mm width per station)
Note:
• ATEX and IECEx certified
• Other valve functions on request
• Further information about technical data can be found in chapter “1.4. 11 mm width per station: pilot valves Type 6524 and Type 6525
Ex i” on page 5.
• Further information about the circuit functions can be found in chapter “2. Circuit functions” on page 6.
Circuit function
Switching times
Pressure range Manual override
Article no.
Opening
Closing
[ms]
[ms]
[bar]
Valve for 8650
REV1 1.)
Valve for 8650
REV2 1.)
C (CF C)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
2(A)
1(P)
3(R)
12
15
20
2.5…7
Yes
20028756 
(184766 ) 2.)
20028760 
(365620 ) 2.)
2.5…7
No
o. r.
o. r.
1…7
Yes
20028758  3.)
(186835 ) 2.)
20028762 
(366796 ) 2.)
C (CF C)
2 x 3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
4
1
5
14
2
1
3
12
15
20
2.5…7
Yes
182086 
1…7
Yes
182088  3.)
Circuit function D (CF D)
3/2-way solenoid valve
Servo-controlled, with manual override
Normally open
2(B)
1(P)
3(R)
10
15
20
2.5…7
Yes
184767 
365624 
2.5…7
No
184768 
20021915 
H (CF H)
5/2-way solenoid valve
Servo-controlled, with manual override
Pressure applied via port (1), therefore
one of the two ports (2) or (4) is under
pressure.
14
12
4
2
5 1 3
15
20
2.5…7
Yes
20028757 
(184769 ) 2.)
20028761 
(365625 ) 2.)
2.5…7
No
o. r.
o. r.
1…7
Yes
20028759  3.)
(186834 ) 2.)
20028763 
(366797 ) 2.)
o. r. = on request
1.) If you have any questions about the compatibility of the valve revision, please contact your Bürkert sales office.
2.) The Article no. can no longer be ordered. Order the superordinate set instead.
3.) Version with auxiliary pilot air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com