Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 5 Page - Analog Devices

  AD5522JSVUZ Datasheet HTML 1Page - Analog Devices AD5522JSVUZ Datasheet HTML 2Page - Analog Devices AD5522JSVUZ Datasheet HTML 3Page - Analog Devices AD5522JSVUZ Datasheet HTML 4Page - Analog Devices AD5522JSVUZ Datasheet HTML 5Page - Analog Devices AD5522JSVUZ Datasheet HTML 6Page - Analog Devices AD5522JSVUZ Datasheet HTML 7Page - Analog Devices AD5522JSVUZ Datasheet HTML 8Page - Analog Devices AD5522JSVUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Preliminary Technical Data
AD5522
Rev. PrM | Page 5 of 48
MEASURE VOLTAGE
Measure Voltage Range
AVDD-4
V
AVSS+4
V
Offset Error
-10
10
mV
GAIN = 1, measured at 0V
Offset Error
-40
40
mV
GAIN = 0.2, measured at 0V
Offset Error Tempco2
±10
µV/oC
Gain Error
-0.5
0.5
% FSR
Gain = 1
Gain Error
-0.5
0.5
% FSR
Gain = 0.2
Gain Error Tempco2
±10
ppm/oC
Linearity Error
-0.01
0.01
% FSR
COMPARATOR
Comparator Span
22.5
V
Offset Error
-10
1
10
mV
Propagation delay2
0.25
μs
VOLTAGE CLAMPS
Clamp Span
22.5
V
Positive Clamp Accuracy
150
mV
Negative Clamp Accuracy
-150
mV
Recovery Time2
0.5
1.5
μs
Activation Time2
1.5
3
μs
CURRENT CLAMPS
Clamp Accuracy
Prog’d
Clamp
value
Programmed
Clamp value
+15
% of FSC
range
Clamp current scales with selected range
Recovery Time2
0.5
1.5
μs
Activation Time2
1.5
3
μs
FOH, EXTFOH, EXTMEASIL,
EXTMEASIH, CFF
Pin Capacitance2
10
pF
Leakage Current
-3
3
nA
On or off switch leakage
Leakage Current Tempco2
±0.1
nA/oC
MEASVH
Pin Capacitance2
3
pF
Leakage/Bias Current
-3
3
nA
Leakage Current Tempco2
±0.1
nA/oC
SYS_SENSE
SYS_Sense Connected, Force Amplifier Inhibited
Pin Capacitance2
3
pF
SYS_SENSE Impedance
1
1.3
kΩ
Leakage Current
-3
3
nA
Leakage Current Tempco2
±0.1
nA/oC
SYS_FORCE
SYS_Force Connected, Force Amplifier Inhibited
Pin Capacitance2
6
pF
SYS_FORCE Impedance
60
80
Ω
Leakage Current
-3
3
nA
Leakage Current Tempco2
±0.1
nA/oC
COMBINED LEAKAGE at DUT
Includes FOH, MEASVH, SYS_SENSE, SYS_FORCE,
EXTMEASIL
Leakage Current
-15
15
nA
Leakage Current Tempco2
±0.5
nA/oC typ
DUTGND
Voltage Range
-500
500
mV
Leakage Current
-1
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com