Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 2Page - Analog Devices AD5522JSVUZ Datasheet HTML 3Page - Analog Devices AD5522JSVUZ Datasheet HTML 4Page - Analog Devices AD5522JSVUZ Datasheet HTML 5Page - Analog Devices AD5522JSVUZ Datasheet HTML 6Page - Analog Devices AD5522JSVUZ Datasheet HTML 7Page - Analog Devices AD5522JSVUZ Datasheet HTML 8Page - Analog Devices AD5522JSVUZ Datasheet HTML 9Page - Analog Devices AD5522JSVUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 6 of 48
MEASURE OUTPUT (MEASOUT)
With respect to AGND
Measure Output Voltage Span
22.5
V
Software Programmable output range
Measure Pin output Impedance
100
Ω
Output leakage current
-3
3
nA
With SW12 off
Output Capacitance2
15
pF
Max Load Capacitance2
1
μF
Output Current drive2
2
mA
Short Circuit Current2
-10
10
mA
MEASOUT Slew Rate2
2
V/μs
MEASOUT enable time 2
150
320
ns
Closing SW12, Measured from BUSY rising edge.
MEASOUT disable time 2
400
1100
ns
Opening SW12, Measured from BUSY rising edge.
MEASOUT MI to MV switching time2
200
ns
Measured from BUSY rising edge.
GUARD OUTPUT
Guard Output Voltage Span
22.5
V
Guard Output Offset
-10
10
mV
Short Circuit Current2
-10
10
mA
Max Load Capacitance2
1000
nF
Guard Output Impedance
100
Ω
Slew Rate2
5
V/μs
CLOAD = 10 pf
Alarm Activation Time2
200
μs
Alarm delayed to eliminate false alarms.
FORCE AMPLIFIER
Slew Rate2
0.4
V/us
Ccomp=100pF, Cff=220pF, Cload=200pF
Gain Bandwidth2
1.3
MHz
Ccomp=100pF, Cff=220pF, Cload=200pF
Max stable load Capacitance2
10,000
pF
CCOMP = 100pF. Larger Load cap requires larger CCOMP
100
nF
CCOMP = 1nF. Larger Load cap requires larger CCOMP
FV SETTLING TIME TO 0.05% OF FS
Mid scale to full scale change, Measured from /SYNC
rising edge, Clamps ON
64mA Range2
17
40
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
2mA range2
17
40
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
200µA range2
32
80
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
20µA range2
TBD
80
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
5µA range2
TBD
300
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
MI SETTLING TIME TO 0.05% OF FS
Mid scale to full scale change, Measured from /SYNC
rising edge, Clamps ON
64mA Range2
17
40
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
2mA range2
18
40
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
200µA range2
40
80
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
20µA range2
TBD
TBD
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
5µA range2
TBD
TBD
µs
Ccomp=100pF, Cff=220pF, Cload=200pF
FI SETTLING TIME TO 0.05% OF FS
Mid scale to full scale change, Measured from /SYNC
rising edge, Clamps ON
64mA Range2
18
55
µs
Ccomp=100pF, Cload=200pF
2mA range2
22
85
µs
Ccomp=100pF, Cload=200pF
200µA range2
45
120
µs
Ccomp=100pF, Cload=200pF
20µA range2
1000
TBD
µs
Ccomp=100pF, Cload=200pF
5µA range2
2300
4000
µs
Ccomp=100pF, Cload=200pF
MV SETTLING TIME TO .05% OF FS
Mid scale to full scale change, Measured from /SYNC
rising edge, Clamps ON
64mA Range2
20
65
µs
Ccomp=100pF, Cload=200pF
2mA range2
21
85
µs
Ccomp=100pF, Cload=200pF
200µA range2
50
120
µs
Ccomp=100pF, Cload=200pF
20µA range2
1000
TBD
µs
Ccomp=100pF, Cload=200pF
5µA range2
2300
4000
µs
Ccomp=100pF, Cload=200pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com