Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 6Page - Analog Devices AD5522JSVUZ Datasheet HTML 7Page - Analog Devices AD5522JSVUZ Datasheet HTML 8Page - Analog Devices AD5522JSVUZ Datasheet HTML 9Page - Analog Devices AD5522JSVUZ Datasheet HTML 10Page - Analog Devices AD5522JSVUZ Datasheet HTML 11Page - Analog Devices AD5522JSVUZ Datasheet HTML 12Page - Analog Devices AD5522JSVUZ Datasheet HTML 13Page - Analog Devices AD5522JSVUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 10 of 48
TO
OUTPUT
PIN
VCC
RL
2.2k
Ω
CL
50pF
VOL
200µA
200µA
50pF
CL
IOL
IOL
VOH(min)-VOL (max)
2
TO
OUTPUT
PIN
Figure 3.. Load Circuit forCGALM, TMPALM
Figure 4. Load Circuit for SDO, BUSY Timing Diagram
SCLK
SYNC
SDI
BUSY
RESET
1
2
t1
t3
t2
29
t5
t4
t6
t7
t8
t9
DB28
DB0
24
t10
t16
t17
BUSY
1LOAD ACTIVE DURING BUSY
2LOAD ACTIVE AFTER BUSY
LOAD1
FOH1
LOAD2
FOH2
t11
t12
t13
t14
t12
t15
Figure 5. SPI Write Timing (Write word contains 29 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com