Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 3Page - Analog Devices AD5522JSVUZ Datasheet HTML 4Page - Analog Devices AD5522JSVUZ Datasheet HTML 5Page - Analog Devices AD5522JSVUZ Datasheet HTML 6Page - Analog Devices AD5522JSVUZ Datasheet HTML 7Page - Analog Devices AD5522JSVUZ Datasheet HTML 8Page - Analog Devices AD5522JSVUZ Datasheet HTML 9Page - Analog Devices AD5522JSVUZ Datasheet HTML 10Page - Analog Devices AD5522JSVUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Preliminary Technical Data
AD5522
Rev. PrM | Page 7 of 48
DAC SPECIFICATIONS
Resolution
16
Bits
Voltage Output Span2
22.5
V
VREF=5V, within a range of -16.25 to 22.5V
Differential Nonlinearity2
-1
1
LSB
Guaranteed monotonic by design over temperature.
COMPARATOR DAC DYNAMIC
SPECIFICATIONS
Output Voltage Settling Time2
1.5
µs
500mV change to ±½ LSB.
Slew Rate2
5.5
V/µs
Digital-to-Analog Glitch Energy2
20
nV-s
Glitch Impulse Peak Amplitude2
10
mV
REFERENCE INPUT
VREF DC Input Impedance
1
MΩ
Typically 100 MΩ.
VREF Input Current
-10
10
µA
Per input. Typically ±30 nA.
VREF Range
2
5
V
DIE TEMPERATURE SENSOR
Accuracy
±7
°C
Output Voltage at 25°C
1.5
V
Output Scale Factor
5
mV/°C
Output Voltage Range
0
3
V
INTERACTION & CROSSTALK
Crosstalk (VM)2
-0.01
0.01
% FSR
All channels in FIMV mode, measure the voltage for one
channel in the highest current force range, once when all
three other channels are at FI = 0mA and once when
they are at 2mA
Crosstalk (MI)2
-0.01
0.01
% FSR
All channels in FVMI mode, measure the current for one
channel in the lowest current measure range, once when
all three other channels are at FV = -10V and once when
they are at +10V
Crosstalk within a channel2
0.5
mV
All channels in FVMI mode, one channel at midscale,
measure the current for one channel in the lowest
current range, for a change in comparator or clamp DAC
levels for that PMU.
Shorted DUT Crosstalk2
TBD
TBD
S/C applied to one PMU channel, measure effect on
other channels.
SPI INTERFACE LOGIC
LOGIC INPUTS
VIH, Input High Voltage
1.7/2.0
V
(2.3 to 2.7)/(2.7 to 5.25V) Jedec Compliant Input Levels
VIL, Input Low Voltage
0.7/0.8
V
(2.3 to 2.7)/(2.7 to 5.25V) Jedec Compliant Input Levels
IINH, IINL, Input Current
-1
1
µA
CIN, Input Capacitance2
10
pF
CMOS LOGIC OUTPUTS
SDO, CPOX
VOH, Output High Voltage
DVCC – 0.4
V
VOL, Output Low Voltage
0.4
V
IOL = 500 µA
Tristate leakage current
-1
1
µA
Output Capacitance2
10
pF
OPEN DRAIN LOGIC OUTPUTS
BUSY, TMPALM, CGALM
VOL, Output Low Voltage
0.4
V
IOL = 500 µA, CL = 50pF, RPULLUP = 1kΩ
Output Capacitance2
10
pF
LVDS INTERFACE LOGIC
LOGIC INPUTS – Reduced Range Link
Input Voltage Range
875
1575
mV
Input Differential Threshold
-100
100
mV
External Termination Resistance
80
100
120
Ω
Differential Input Voltage
100
mV
LOGIC OUTPUTS – Reduced Range Link
Output Offset Voltage
1200
mV
Output Differential Voltage
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com