Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8148ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8148ACPZ-R2
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8148ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8148ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8148ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 5 of 24
VS = +5 V or ±2.5 V; VOCM = midsupply (AD8146); SYNC LEVEL = 0 V (AD8147/AD8148); T = 25°C; RL,dm = 200 Ω, unless otherwise noted.
TMIN to TMAX = −40°C to +85°C.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT AC
Dynamic Performance
−3 dB Small Signal Bandwidth
VO = 0.2 V p-p,
AD8146/AD8147 and AD8148
870/680
MHz
−3 dB Large Signal Bandwidth
VO = 2 V p-p,
AD8147/AD8146 and AD8148
590/620
MHz
Bandwidth for 0.1 dB Flatness
VO = 2 V p-p,
AD8146 and AD8147/AD8148
165/200
MHz
DIFFERENTIAL INPUT DC
Input Common-Mode Voltage Range
0 to 5
V
Input Resistance
Differential
1.0
kΩ
Single-ended input
1.13
kΩ
Input Capacitance
Differential
2
pF
DC CMRR
ΔVOUT, dm/ΔVIN, cm; ΔVIN, cm = ±1 V,
AD8146/AD8147/AD8148
−53/−49/−55
dB
DIFFERENTIAL OUTPUT
Differential Signal Gain
ΔVOUT, dm/ΔVIN, dm; ΔVIN, dm = ±1 V,
AD8146 and AD8147
1.95
2.013
V/V
ΔVOUT, dm/ΔVIN, dm; ΔVIN, dm = ±1 V, AD8148
3.87
4.00
V/V
Output Voltage Swing
Each single-ended output
AD8146 and AD8147/AD8148
−1.17/−1.23
+1.24/+1.26
V
Output Offset Voltage
−17
+17
mV
Output Offset Drift
TMIN to TMAX
±8
μV/°C
Output Balance Error
ΔVOUT,cm/ΔVIN,dm, ΔVOUT,dm = 2 V p-p,
f = 50 MHz,
AD8146 and AD8147/AD8148
−53/−49
dB
DC, AD8146 and AD8148/AD8147
−41/−44
dB
Output Voltage Noise (RTO)
f = 1 MHz, AD8146, AD8147/AD8148
25/42
nV/√Hz
Output Short-Circuit Current
Short to GND, source/sink
+63/−48
mA
VOCM DYNAMIC PERFORMANCE
(AD8146 ONLY)
−3 dB Bandwidth
ΔVOCM = 100 mV p-p
310
MHz
Slew Rate
VOCM = −1 V to +1 V, 25% to 75%
800
V/μs
DC Gain
ΔVOCM = ±1 V, TMIN to TMAX
0.99
1.00
V/V
VOCM INPUT CHARACTERISTICS
(AD8146 ONLY)
Input Voltage Range
±1.2
V
Input Resistance
12.5
kΩ
Input Offset Voltage
−20
+20
mV
DC CMRR
ΔVO, dm/ΔVOCM; ΔVOCM = ±1 V
−42
dB
SYNC DYNAMIC PERFORMANCE
(AD8147/AD8148 ONLY)
Slew Rate
VOUT, cm = −1 V to +1 V; 25% to 75%
800
V/μs
HSYNC AND VSYNC INPUTS
(AD8147/AD8148 ONLY)
Input Low Voltage
1.3 to 1.5
V
Input High Voltage
1.3 to 1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com